Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100003160 Datasheet (PDF) - Turck, Inc.

100003160 Datasheet PDF - Turck, Inc.
Part # 100003160
Download  100003160 Download

File Size   1948.69 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Ultrasonic SensorRetroreflective Sensor

100003160 Datasheet (PDF)

Go To PDF Page Download Datasheet
100003160 Datasheet PDF - Turck, Inc.

Part # 100003160
Download  100003160 Click to download

File Size   1948.69 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Ultrasonic SensorRetroreflective Sensor

100003160 Datasheet (HTML) - Turck, Inc.

100003160 Datasheet HTML 1Page - Turck, Inc. 100003160 Datasheet HTML 2Page - Turck, Inc. 100003160 Datasheet HTML 3Page - Turck, Inc. 100003160 Datasheet HTML 4Page - Turck, Inc.

100003160 Product details

Features
■Smooth sonic transducer face
■Cylindrical housing M08, potted
■Connection via M8 × 1 male connector
■Teach range adjustable via connection
cable
■Blind zone: 2 cm
■Range: 10 cm
■Resolution: 0.2 mm
■Aperture angle of sonic cone: ±9 °
■1 × switching output, NPN
■Teachable settings
■NO/NC programmable
■IO-Link
Functional principle
Ultrasonic sensors capture a multitude of
objects contactlessly and wear-free with
ultrasonic waves. It does not matter whether
the object is transparent or opaque, metallic
or non-metallic, firm, liquid or powdery. Even
environmental conditions such as spray, dust
or rain hardly affect their function.
The sonic cone diagram indicates the
detection range of the sensor. In accordance
with standard EN 60947-5-2, quadratic targets
in a range of sizes (20 × 20 mm, 100 × 100
mm) and a round rod with a diameter of
27 mm are used.
Important: The detection ranges for other
targets may differ from those for standard
targets due to the different reflection
properties and geometries.




Similar Part No. - 100003160

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
100003164 TURCK-100003164 Datasheet
274Kb / 2P
   Ultrasonic Sensor Level Control
2023-07-21
100003165 TURCK-100003165 Datasheet
276Kb / 2P
   Ultrasonic Sensor Level Control
2023-07-21
100003166 TURCK-100003166 Datasheet
278Kb / 2P
   Ultrasonic Sensor Level Control
2023-07-21
100003167 TURCK-100003167 Datasheet
425Kb / 3P
   Ultrasonic Sensor Level Contro
2023-07-21
100003168 TURCK-100003168 Datasheet
427Kb / 3P
   Ultrasonic Sensor Level Control
11/07/2023
More results


Similar Description - 100003160

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBG5000-R101-2P1-IO-V31 PF-OBG5000-R101-2P1-IO-V31 Datasheet
381Kb / 3P
   Retroreflective sensor
OBG8000-R201-2EP-IO-V15 PF-OBG8000-R201-2EP-IO-V15 Datasheet
437Kb / 4P
   Retroreflective sensor
OBR10M-R101-2EP-IO-1R-IR PF-OBR10M-R101-2EP-IO-1R-IR Datasheet
1Mb / 6P
   Retroreflective sensor
OBG4000-R103-2EP-IO PF-OBG4000-R103-2EP-IO Datasheet
382Kb / 4P
   Retroreflective sensor
OBG5000-R100-EP-IO-V3 PF-OBG5000-R100-EP-IO-V3 Datasheet
417Kb / 4P
   Retroreflective sensor
OBG5000-R101-2EP1-IO PF-OBG5000-R101-2EP1-IO Datasheet
414Kb / 4P
   Retroreflective sensor
OBG5000-R101-2EP1-IO-V31 PF-OBG5000-R101-2EP1-IO-V31 Datasheet
445Kb / 4P
   Retroreflective sensor
OBG5000-R101-2EP-IO PF-OBG5000-R101-2EP-IO Datasheet
414Kb / 4P
   Retroreflective sensor
ML100-55-8032 PF-ML100-55-8032 Datasheet
982Kb / 5P
   Retroreflective sensor
2023-03-28
RLK29-55-5060 PF-RLK29-55-5060 Datasheet
1Mb / 6P
   Retroreflective sensor
ML9-54-G-8736 PF-ML9-54-G-8736 Datasheet
876Kb / 5P
   Retroreflective sensor
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com