Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3D7608 Datasheet (PDF) - Data Delay Devices, Inc.

3D7608 Datasheet PDF - Data Delay Devices, Inc.
Part # 3D7608
Download  3D7608 Download
File Size   350.25 Kbytes
Page   7 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description 8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS

3D7608 Datasheet (PDF)

Go To PDF Page Download Datasheet
3D7608 Datasheet PDF - Data Delay Devices, Inc.

Part # 3D7608
Download  3D7608 Click to download

File Size   350.25 Kbytes
Page   7 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description 8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS

3D7608 Datasheet (HTML) - Data Delay Devices, Inc.


3D7608 Product details

FUNCTIONAL DESCRIPTION
The 3D7608 & 3D7612 devices are versatile 8- & 12-bit programmable monolithic pulse generators.

FEATURES
• All-silicon, low-power CMOS technology
• TTL/CMOS compatible inputs and outputs
• Vapor phase, IR and wave solderable
• Programmable via latched parallel interface
• Increment range: 0.25ns through 800us
• Pulse width tolerance: 1% (See Table 1)
• Supply current: 8mA typical
• Temperature stability: ±1.5% max (-40C to 85C)
• Vdd stability: ±0.5% max (4.75V to 5.25V)




Similar Part No. - 3D7608

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7622 DATADELAY-3D7622 Datasheet
340Kb / 7P
22-BIT PROGRAMMABLE PULSE GENERATOR
3D7622D-0.25 DATADELAY-3D7622D-0.25 Datasheet
340Kb / 7P
22-BIT PROGRAMMABLE PULSE GENERATOR
3D7622D-0.4 DATADELAY-3D7622D-0.4 Datasheet
340Kb / 7P
22-BIT PROGRAMMABLE PULSE GENERATOR
3D7622D-0.5 DATADELAY-3D7622D-0.5 Datasheet
340Kb / 7P
22-BIT PROGRAMMABLE PULSE GENERATOR
3D7622D-1 DATADELAY-3D7622D-1 Datasheet
340Kb / 7P
22-BIT PROGRAMMABLE PULSE GENERATOR
More results


Similar Description - 3D7608

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L88RW NSC-COP87L88RW Datasheet
419Kb / 42P
8-Bit One-Time Programmable OTP Microcontroller with Pulse Train Generators and Capture Modules
COP888GW NSC-COP888GW Datasheet
471Kb / 44P
8-Bit Microcontroller with Pulse Train Generators
logo
Data Delay Devices, Inc...
PPG312F DATADELAY-PPG312F Datasheet
46Kb / 5P
12-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG312F)
PPG38F DATADELAY-PPG38F Datasheet
42Kb / 5P
8-BIT PROGRAMMABLE PULSE GENERATOR (SERIES PPG38F)
3D7622 DATADELAY-3D7622 Datasheet
340Kb / 7P
22-BIT PROGRAMMABLE PULSE GENERATOR
3D3608 DATADELAY-3D3608 Datasheet
350Kb / 7P
8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS
3D3622 DATADELAY-3D3622 Datasheet
339Kb / 7P
22-BIT PROGRAMMABLE PULSE GENERATOR
logo
Frequency Devices, Inc.
858 FREQUENCYDEVICES-858 Datasheet
524Kb / 19P
8-Bit Programmable
logo
B&K Precision Corporati...
4033 BK-4033 Datasheet
326Kb / 3P
50 MHz Programmable Pulse Generators
logo
Nippon Pulse America, I...
PCL NPM-PCL Datasheet
809Kb / 4P
Programmable Pulse Generators PCL/PCD Series
More results




About Data Delay Devices, Inc.


Data Delay Devices, Inc. (DDD) was a semiconductor company that was founded in 1964 and based in Pennsylvania, USA. The company specialized in the design and manufacture of a range of semiconductor products, including digital delay lines, programmable timers, and other timing devices.

DDD's products were widely used in a variety of industries, including aerospace, defense, telecommunications, and industrial automation. The company was known for its high-quality and reliable products, which were often customized to meet the specific needs of its customers.

In 2006, Data Delay Devices, Inc. was acquired by Data Device Corporation (DDC), a leading supplier of high-reliability data communication and control solutions for the aerospace and defense industries. Today, DDD's products are still used by many customers in these industries, and the company's legacy of high-quality timing devices lives on through DDC's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com