Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD150-MEC Datasheet (PDF) - Sensata Technologies, Inc.

CD150-MEC Datasheet PDF - Sensata Technologies, Inc.
Part # CD150-MEC
Download  CD150-MEC Download

File Size   241.54 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description MECHANICAL DRAW-WIRE - MEASUREMENT RANGE 0 UP TO 6000 MM

CD150-MEC Datasheet (PDF)

Go To PDF Page Download Datasheet
CD150-MEC Datasheet PDF - Sensata Technologies, Inc.

Part # CD150-MEC
Download  CD150-MEC Click to download

File Size   241.54 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description MECHANICAL DRAW-WIRE - MEASUREMENT RANGE 0 UP TO 6000 MM

CD150-MEC Datasheet (HTML) - Sensata Technologies, Inc.

CD150-MEC Datasheet HTML 1Page - Sensata Technologies, Inc. CD150-MEC Datasheet HTML 2Page - Sensata Technologies, Inc. CD150-MEC Datasheet HTML 3Page - Sensata Technologies, Inc.



Similar Part No. - CD150-MEC

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
CD150 SENSATA-CD150 Datasheet
398Kb / 3P
   CD150 POTENTIOMETRIC OUTPUT – MEASUREMENT RANGE 0 UP TO 6000 MM
More results


Similar Description - CD150-MEC

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
UFE EMERSON-NETWORKPOWER-UFE_11 Datasheet
903Kb / 6P
   UFE / UFR Series Up to 6000 Watts
logo
Artesyn Technologies
UFE1300-96S24C1J ARTESYN-UFE1300-96S24C1J Datasheet
903Kb / 6P
   UFE / UFR Series Up to 6000 Watts
logo
Omron Electronics LLC
ES1C OMRON-ES1C Datasheet
852Kb / 8P
   Achieve Superior Environmental Resistance and a Wide Measurement Range of 0 to 400°C.
logo
Toshiba Semiconductor
TLP3125 TOSHIBA-TLP3125 Datasheet
194Kb / 6P
   Replacement for Mechanical-Relay Measurement Instrumentation
TLP3125 TOSHIBA-TLP3125_14 Datasheet
199Kb / 6P
   Replacement for Mechanical-Relay Measurement Instrumentation
logo
List of Unclassifed Man...
AF1000 ETC1-AF1000 Datasheet
294Kb / 1P
   AF1000 TO 6000
logo
API Delevan
TN9560 API-TN9560 Datasheet
162Kb / 3P
   Standard Microwave Amplifier Frequency Range: 500 MHz to 6000 MHz
logo
Amphenol Corporation
GRN6165 AMPHENOL-GRN6165 Datasheet
219Kb / 2P
   Measurement range: 8.5% - 36.8%
logo
PUI audio inc.
SMI-1027-TW-12V-R PUIAUDIO-SMI-1027-TW-12V-R Datasheet
513Kb / 5P
   7 to 15 VDC voltage range with low 30 mA current draw
logo
MICORO CRYSTAL SWITZERL...
VCXO2H MICROCRYSTAL-VCXO2H Datasheet
337Kb / 2P
   family package 5횞3.2 mm T range up to 125째C 40MHz to 130MHz
logo
AAEON Technology
UPN-EHLCB-A10-001 AAEON-UPN-EHLCB-A10-001 Datasheet
1Mb / 2P
   UP Squared 6000 PSE Carrier Board
2022/09/16
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com