Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNEB1 Datasheet (PDF) - ML Accessories Limited. All rights reserved.

SNEB1 Datasheet PDF - ML Accessories Limited.  All rights reserved.
Part # SNEB1
Download  SNEB1 Download
File Size   259.05 Kbytes
Page   1 Pages
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.
Description 100A 1 x 5-Way (Single Pole) Service Connector Block

SNEB1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SNEB1 Datasheet PDF - ML Accessories Limited.  All rights reserved.

Part # SNEB1
Download  SNEB1 Click to download

File Size   259.05 Kbytes
Page   1 Pages
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.
Description 100A 1 x 5-Way (Single Pole) Service Connector Block

SNEB1 Datasheet (HTML) - ML Accessories Limited. All rights reserved.


SNEB1 Product details

DESCRIPTION
100A 1 x 5-Way (Single Pole) Service Connector Block - Brass
Terminals




Similar Part No. - SNEB1

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
SNEB2 KNIGHTSBRIDGE-SNEB2 Datasheet
235Kb / 1P
100A 2 x 5-Way (Double Pole) Service Connector Block
26/03/2024
More results


Similar Description - SNEB1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
4421 COOPER-4421 Datasheet
98Kb / 1P
Single pole fuse blocks for 13??2" X 1 1??" (10.3 X 38.1mm) fuses.
4515 COOPER-4515 Datasheet
98Kb / 1P
Single pole fuse blocks for 13??2" X 1 1??" (10.3 X 38.1mm) fuses
logo
Tyco Electronics
KILOVAC-LEV100 MACOM-KILOVAC-LEV100 Datasheet
170Kb / 6P
with 1 form X contacts rated 100A continuous
logo
TE Connectivity Ltd
LEV100 TEC-LEV100 Datasheet
170Kb / 6P
with 1 form X contacts rated 100A continuous
logo
WAGO Kontakttechnik Gmb...
757-185 WAGO-757-185 Datasheet
312Kb / 6P
M12 sensor/actuator box; 8-way; 5-pole; M23 connector
757-165 WAGO-757-165 Datasheet
195Kb / 5P
M12 sensor/actuator box; 6-way; 5-pole; M23 connector
757-145 WAGO-757-145 Datasheet
167Kb / 5P
M12 sensor/actuator box; 4-way; 5-pole; M23 connector
logo
Molex Electronics Ltd.
1200680137 MOLEX-1200680137 Datasheet
37Kb / 1P
Micro-Change (M12) Solid Body Splitter, 1 x 5-Pole Male to 2 x 5-Pole Females, Black Overmold
03/20/2023
1200680139 MOLEX-1200680139 Datasheet
37Kb / 1P
Micro-Change (M12) Solid Body Splitter, 1 x 5-Pole Male to 2 x 5-Pole Females, Black Overmold
03/16/2023
1205040002 MOLEX-1205040002 Datasheet
33Kb / 1P
Micro-Change (M12) L-Coded Solid Body Splitter, 2 x 5-Pole Female to 1 x 5-Pole Male, Black Overmold
03/03/2023
logo
Recom International Pow...
REC5K-AW RECOM-REC5K-AW Datasheet
542Kb / 5P
5 Watt 1” x 1” Single Output
REV.: 0/2023
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com