Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZTL432AFTA Datasheet (PDF) - Zetex Semiconductors

ZTL432AFTA Datasheet PDF - Zetex Semiconductors
Part # ZTL432AFTA
Download  ZTL432AFTA Download

File Size   422.87 Kbytes
Page   12 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description Cost effective adjustable precision shunt regulator

ZTL432AFTA Datasheet (PDF)

Go To PDF Page Download Datasheet
ZTL432AFTA Datasheet PDF - Zetex Semiconductors

Part # ZTL432AFTA
Download  ZTL432AFTA Click to download

File Size   422.87 Kbytes
Page   12 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description Cost effective adjustable precision shunt regulator

ZTL432AFTA Datasheet (HTML) - Zetex Semiconductors

Back Button ZTL432AFTA Datasheet HTML 1Page - Zetex Semiconductors ZTL432AFTA Datasheet HTML 2Page - Zetex Semiconductors ZTL432AFTA Datasheet HTML 3Page - Zetex Semiconductors ZTL432AFTA Datasheet HTML 4Page - Zetex Semiconductors ZTL432AFTA Datasheet HTML 5Page - Zetex Semiconductors ZTL432AFTA Datasheet HTML 6Page - Zetex Semiconductors ZTL432AFTA Datasheet HTML 7Page - Zetex Semiconductors ZTL432AFTA Datasheet HTML 8Page - Zetex Semiconductors ZTL432AFTA Datasheet HTML 9Page - Zetex Semiconductors ZTL432AFTA Datasheet HTML 10Page - Zetex Semiconductors Next Button 

ZTL432AFTA Product details

Description
The ZTL431 and ZTL432 are three terminal adjustable shunt regulators offering excellent temperature stability and output current handling capability up to 100mA. The output voltage may be set to any chosen voltage between 2.5 and 20 volts by selection of two external divider resistors.
The devices can be used as a replacement for zener diodes in many applications requiring an improvement in zener performance.
The ZTL432 has the same electrical specifications as the ZTL431 but has a different pin out in SOT23 (F-suffix) and SOT23F (FF-suffix).
Both variants are available in 2 grades with initial tolerances of 1% and 0.5% for the A and B grades respectively.
These are functionally equivalent to the TL431/TL432 except for maximum operation voltage, and have an ambient temperature range of -40 to 125°C as standard.

Features
• Temperature range ................ -40 to 125°C
• Reference voltage tolerance at 25°C
   • 0.5% ..................................... B grade
   • 1% ......................................... A grade
• 0.2Ω typical output impedance
• Sink current capability ...... 1mA to 100mA
• Adjustable output voltage...... VREF to 20V

Applications
• Opto-coupler linearization
• Linear regulators
• Improved zener
• Variable reference




Similar Part No. - ZTL432AFTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTL432AFTA ZETEX-ZTL432AFTA Datasheet
433Kb / 12P
   Cost effective adjustable precision shunt regulator
logo
Diodes Incorporated
ZTL432AFTA DIODES-ZTL432AFTA Datasheet
170Kb / 9P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
ZTL432AFTA DIODES-ZTL432AFTA Datasheet
445Kb / 12P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Similar Description - ZTL432AFTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZTL431 DIODES-ZTL431_17 Datasheet
445Kb / 12P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Zetex Semiconductors
ZTL431 ZETEX-ZTL431_08 Datasheet
433Kb / 12P
   Cost effective adjustable precision shunt regulator
logo
Diodes Incorporated
ZTL431 DIODES-ZTL431 Datasheet
170Kb / 9P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Zetex Semiconductors
TLV431 ZETEX-TLV431_08 Datasheet
813Kb / 16P
   1.24V Cost effective shunt regulator
logo
Diodes Incorporated
ZTLV431 DIODES-ZTLV431 Datasheet
296Kb / 8P
   1.24V Cost effective shunt regulator
TLV431 DIODES-TLV431 Datasheet
895Kb / 14P
   1.24V COST EFFECTIVE SHUNT REGULATOR
logo
Zetex Semiconductors
ZTLV431 ZETEX-ZTLV431_07 Datasheet
224Kb / 8P
   1.24V Cost effective shunt regulator
ZTLV431 ZETEX-ZTLV431 Datasheet
199Kb / 8P
   1.24V Cost effective shunt regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com