Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9100-K101000 Datasheet (PDF) - Belden Inc.

9100-K101000 Datasheet PDF - Belden Inc.
Part # 9100-K101000
Download  9100-K101000 Download
File Size   150.28 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Analog Video, RG59, 20 AWG Solid BCCS, Foil Alum Braid, CM PVC Jacket

9100-K101000 Datasheet (PDF)

Go To PDF Page Download Datasheet
9100-K101000 Datasheet PDF - Belden Inc.

Part # 9100-K101000
Download  9100-K101000 Click to download

File Size   150.28 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Analog Video, RG59, 20 AWG Solid BCCS, Foil Alum Braid, CM PVC Jacket

9100-K101000 Datasheet (HTML) - Belden Inc.


9100-K101000 Product details

Product Description
Analog Video, Series 59, 20 AWG solid .032" bare copper-covered steel conductor, gas-injected foam polyethylene insulation, Duobond® II (100% coverage)
plus an aluminum braid (40% coverage), CM PVC jacket.




Similar Part No. - 9100-K101000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9100-201B999 MACOM-9100-201B999 Datasheet
50Kb / 2P
Power Relay 1- and 2-pole, 3-12 FLA AC or DC Coil
9100-201C999 MACOM-9100-201C999 Datasheet
50Kb / 2P
Power Relay 1- and 2-pole, 3-12 FLA AC or DC Coil
9100-201N999 MACOM-9100-201N999 Datasheet
50Kb / 2P
Power Relay 1- and 2-pole, 3-12 FLA AC or DC Coil
9100-201P999 MACOM-9100-201P999 Datasheet
50Kb / 2P
Power Relay 1- and 2-pole, 3-12 FLA AC or DC Coil
9100-201Q999 MACOM-9100-201Q999 Datasheet
50Kb / 2P
Power Relay 1- and 2-pole, 3-12 FLA AC or DC Coil
More results


Similar Description - 9100-K101000

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9219A GENERAL-C9219A Datasheet
69Kb / 1P
3C 20 AWG 7/0.121 TC PVC / OAS / Braid / PVC
C9220A GENERAL-C9220A Datasheet
69Kb / 1P
4C 20 AWG 7/0.121 TC PVC / OAS / Braid / PVC
C9221A GENERAL-C9221A Datasheet
69Kb / 1P
6C 20 AWG 7/0.121 TC PVC / OAS / Braid / PVC
C9223A GENERAL-C9223A Datasheet
69Kb / 1P
10C 20 AWG 7/0.121 TC PVC / OAS / Braid / PVC
C9224A GENERAL-C9224A Datasheet
70Kb / 1P
15C 20 AWG 7/0.121 TC PVC / OAS / Braid / PVC
logo
Belden Inc.
1505A BELDEN-1505A Datasheet
251Kb / 4P
Serial Digital Coax, RG59, #20 Solid BC, Foil 95% TC Braid, CMR
1506A BELDEN-1506A Datasheet
244Kb / 4P
Serial Digital Coax, RG59, 20 AWG Solid BC, Duofoil짰 95% TC Braid, CMP
139463 BELDEN-139463 Datasheet
263Kb / 3P
Blue Hose짰, (1 pr) 20 AWG (7x28) TC, PE/PVC, FoilTC Braid Shld, Steel Armor, CM
189463 BELDEN-189463 Datasheet
263Kb / 3P
Blue Hose짰, (1 pr) 20 AWG (7x28) TC, PE/PVC, FoilTC Braid Shld, Alum Armor, CM
183092A BELDEN-183092A Datasheet
246Kb / 3P
ControlNet?? (1) 18 AWG Solid BCCS, FPE/PVC/PVC, FoilAlum Braid Shld, Alum Armor, CL2R, CMR
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com