![]() |
Electronic Components Datasheet Search |
|
NCP1201 Datasheet (PDF) - ON Semiconductor |
NCP1201 Datasheet (HTML) - ON Semiconductor |
NCP1201 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | NCP1201 |
Download | NCP1201 Click to view |
File Size | 3808.62 Kbytes |
Page | 4 Pages |
Maker | ONSEMI [ON Semiconductor] |
Homepage | http://www.onsemi.com |
Logo | |
Description | AC-DC Offline Switching Controllers/Regulators |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
BAW56TT1 | Dual Switching Diode | 1 2 3 4 | ON Semiconductor |
SH1605 | 5A Efficient Switching Regulator | 1 2 3 4 | Fairchild Semiconductor |
2SK2459N | Switching 200V 5A | 1 2 3 4 | Rohm |
BU806 | MEDIUM VOLTAGE NPN FAST SWITCHING DARLINGTON TRANSISTORS | 1 2 3 4 | STMicroelectronics |
MCH3414 | General-Purpose Switching Device Applications | 1 2 3 4 | Sanyo Semicon Device |
BCM5632 | 12 GIGABIT + 1 10-GIGABIT SWITCHING PROCESSOR | 1 2 | Broadcom Corporation. |
HVD147 | Silicon Epitaxial Trench Pin Diode for Antenna Switching | 1 2 3 4 5 | Renesas Technology Corp |
2N5555_01 | JFET Switching N-Channel - Depletion | 1 2 3 4 5 More | ON Semiconductor |
BAS16LT1_06 | Switching Diode | 1 2 3 4 | ON Semiconductor |
DAN222_06 | Common Cathode Silicon Dual Switching Diode | 1 2 3 4 | ON Semiconductor |
Datasheet Page |
1 2 3 4 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |