Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH16M40AJD-6 Datasheet (PDF) - Mitsubishi Electric Semiconductor

MH16M40AJD-6 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # MH16M40AJD-6
Download  MH16M40AJD-6 Download
File Size   189.25 Kbytes
Page   17 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description FAST PAGE MODE ( 16,777,216-WORD BY 40-BIT ) DYNAMIC RAM

MH16M40AJD-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
MH16M40AJD-6 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # MH16M40AJD-6
Download  MH16M40AJD-6 Click to download

File Size   189.25 Kbytes
Page   17 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description FAST PAGE MODE ( 16,777,216-WORD BY 40-BIT ) DYNAMIC RAM

MH16M40AJD-6 Datasheet (HTML) - Mitsubishi Electric Semiconductor


MH16M40AJD-6 Product details

DESCRIPTION
The MH16M40AJD is a 16M word by 40-bit dynamic RAM module and consists of 10 industry standard 16M X 4 dynamic RAMs in a TSOP package.
The ICs are mounted on both sides of two small PC boards (Ceracom) with the flash gold plating and form a convenient 69-pin WDIP package.

FEATURES
• Utilizes industry standard 16M X 4 DRAMs in TSOP package
• Low stand-by power dissipation
   13mW (Max) ............................ CMOS lnput level
• Low operating power dissipation
   MH16M40AJD - 6 ........................ 3242 mW (Max)
• Fast-page mode , Read-modify-write,RAS-only refresh
• CAS before RAS refresh, Hidden refresh capabilities
• Early-write mode and OE to control output buffer impedance
• All inputs, output TTL compatible and low capacitance
• 4096 refresh cycles every 64ms (A0 - A12) (CbR only)
• Includes (0.22uF x 12) decoupling capacitors
• 5.0V ± 5% Vcc
• 3.3V Vdd by onboard mounted regulators
• TTL input converted to LVTTL by onboard mounted level shifters.

APPLICATION
   Main memory unit for computers, Microcomputer memory, Refresh memory for CRT




Similar Part No. - MH16M40AJD-6

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MH16 MOSPEC-MH16 Datasheet
132Kb / 2P
HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V)
logo
Bourns Electronic Solut...
MH1608 BOURNS-MH1608 Datasheet
778Kb / 5P
MH1608 Series High Current Chip Ferrite Beads
REV. 06/22
MH1608-100Y BOURNS-MH1608-100Y Datasheet
1Mb / 6P
High Current Chip Ferrite Beads
MH1608-100Y BOURNS-MH1608-100Y Datasheet
778Kb / 5P
MH1608 Series High Current Chip Ferrite Beads
REV. 06/22
MH1608-101T BOURNS-MH1608-101T Datasheet
778Kb / 5P
MH1608 Series High Current Chip Ferrite Beads
REV. 06/22
More results


Similar Description - MH16M40AJD-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH4M36CJD-5 MITSUBISHI-MH4M36CJD-5 Datasheet
130Kb / 14P
FAST PAGE MODE ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
MH4V64AXJJ MITSUBISHI-MH4V64AXJJ Datasheet
217Kb / 25P
FAST PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
logo
OKI electronic componet...
MD51V64405 OKI-MD51V64405 Datasheet
312Kb / 15P
16,777,216-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSC23B136D OKI-MSC23B136D Datasheet
298Kb / 9P
1,048,576 Word By 36 Bit DYNAMIC RAM MODULE : FAST PAGE MODE
MSM5116100A OKI-MSM5116100A Datasheet
1Mb / 15P
16,777,216-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16100 OKI-MSM51V16100 Datasheet
1Mb / 15P
16,777,216-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17100 OKI-MSM51V17100 Datasheet
1Mb / 15P
16,777,216-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MD51V64400 OKI-MD51V64400 Datasheet
431Kb / 15P
16,777,216-Word X 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MD51V65405 OKI-MD51V65405 Datasheet
636Kb / 15P
16,777,216-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
logo
Toshiba Semiconductor
TC5164405BJ TOSHIBA-TC5164405BJ Datasheet
1Mb / 24P
16,777,216-WORD x4-BIT EDO (HYPER PAGE) DYNAMIC RAM
1998-03-26
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com