Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2612011022000 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

2612011022000 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 2612011022000
Download  2612011022000 Download
File Size   812.73 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WIRL-NFW2 Ophelia-I radio module

2612011022000 Datasheet (PDF)

Go To PDF Page Download Datasheet
2612011022000 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 2612011022000
Download  2612011022000 Click to download

File Size   812.73 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WIRL-NFW2 Ophelia-I radio module

2612011022000 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


2612011022000 Product details

Additional General Information:
Operating Temperature -40 up to +85 °C
Storage Conditions (in original
packaging) < 40 °C ; < 90 % RH
Moisture Sensitivity Level (MSL) 3




Similar Part No. - 2612011022000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
2612011024000 WURTH-2612011024000 Datasheet
812Kb / 7P
WIRL-BTLE Proteus-e Bluetooth 5.1 module
001.000
More results


Similar Description - 2612011022000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FM1246 PHILIPS-FM1246 Datasheet
177Kb / 24P
Desktop video & FM radio module system CCIR I
1997 May 14
BGB110 PHILIPS-BGB110 Datasheet
141Kb / 17P
Bluetooth radio module
2000 Oct 03
logo
List of Unclassifed Man...
W7020 ETC1-W7020 Datasheet
324Kb / 36P
Bluetooth Radio Module
PTM230 ETC2-PTM230 Datasheet
118Kb / 1P
Radio transmitter module
logo
Wurth Elektronik GmbH &...
2609031181000 WURTH-2609031181000 Datasheet
429Kb / 6P
WIRL-PRO8 Radio module 868MHz
004.000
2611011021010 WURTH-2611011021010 Datasheet
633Kb / 7P
WIRL-PRO2 Thetis-I Wirepas?줞esh module 2.4GHz T&R
001.000
2609041191000 WURTH-2609041191000 Datasheet
429Kb / 6P
WIRL-PRO9 Themisto-I Radio module 915MHz 25dBm T&R
002.000
2611011021000 WURTH-2611011021000 Datasheet
458Kb / 6P
WIRL-PRO2 Thyone-I radio module 2.4GHz T&R
001.000
2610011025000 WURTH-2610011025000 Datasheet
573Kb / 6P
WIRL-WIFS Calypso WIFI module T&R
001.023
2606031121000 WURTH-2606031121000 Datasheet
451Kb / 6P
WIRL-PRO2 Radio module 2.4 GHz with RF pad
001.012
2611011024020 WURTH-2611011024020 Datasheet
786Kb / 7P
WIRL-COMB Setebos-I Combined Proprietary 2.4GHz & BTLE module T&R
002.000
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com