Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

14045 Datasheet (PDF) - Turck, Inc.

14045 Datasheet PDF - Turck, Inc.
Part # 14045
Download  14045 Download
File Size   246.94 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive SensorRing Sensor

14045 Datasheet (PDF)

Go To PDF Page Download Datasheet
14045 Datasheet PDF - Turck, Inc.

Part # 14045
Download  14045 Click to download

File Size   246.94 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive SensorRing Sensor

14045 Datasheet (HTML) - Turck, Inc.


14045 Product details

Features
■Rectangular, height 30 mm
■Plastic, PA12‐GF30
■Pulse duration 100 ms
■Sensitivity adjusted via potentiometer
■DC 3-wire, 10…30 VDC
■Dynamic output behaviour
■NO contact, PNP output
■M12 x 1 male connector
Functional principle
Inductive sensors detect metal objects
contactless and wear-free. For this purpose
they use a high-frequency electromagnetic AC
field that interacts with the target. Inductive
ring sensors generate this field through an LC
resonant circuit. The target acts as the coil core.




Similar Part No. - 14045

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
14045 PENTAIR-14045 Datasheet
4Mb / 56P
A minimum of 20 pounds (1.4 bar) of water pressure is required for regeneration valve to operate effectively
logo
Festo Corporation.
14045 FESTO-14045 Datasheet
87Kb / 1P
Flat cylinder
logo
Turck, Inc.
1404501 TURCK-1404501 Datasheet
246Kb / 2P
Inductive Sensor – Ring Sensor
11/07/2023
logo
PHOENIX CONTACT
1404508 PHOENIX-1404508 Datasheet
58Kb / 3P
AS-Interface H distributor with IP65/IP67/IP69k degree of protection, for distribution from one to two flat-ribbon conductors
1404513 PHOENIX-1404513 Datasheet
194Kb / 3P
Data interface - SI-SES-R1A
More results


Similar Description - 14045

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
RC15-14-N0 PF-RC15-14-N0 Datasheet
232Kb / 2P
Inductive ring sensor
RC15-14-N3-Y115615 PF-RC15-14-N3-Y115615 Datasheet
177Kb / 2P
Inductive ring sensor
RJ15-14-N PF-RJ15-14-N Datasheet
204Kb / 2P
Inductive ring sensor
RJ15-N PF-RJ15-N Datasheet
229Kb / 2P
Inductive ring sensor
RJ21-E2 PF-RJ21-E2 Datasheet
173Kb / 1P
Inductive ring sensor
RC10-14-N0-Y95902 PF-RC10-14-N0-Y95902 Datasheet
170Kb / 2P
Inductive ring sensor
RC10-14-N0-Y180779 PF-RC10-14-N0-Y180779 Datasheet
198Kb / 2P
Inductive ring sensor
RC10-14-N3-Y110970 PF-RC10-14-N3-Y110970 Datasheet
171Kb / 2P
Inductive ring sensor
RC10-14-N3-Y187454 PF-RC10-14-N3-Y187454 Datasheet
173Kb / 2P
Inductive ring sensor
RC15-14-N0-Y95903 PF-RC15-14-N0-Y95903 Datasheet
170Kb / 2P
Inductive ring sensor
RC15-14-N3-Y49839 PF-RC15-14-N3-Y49839 Datasheet
170Kb / 2P
Inductive ring sensor
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com