Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2612011024000 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

2612011024000 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 2612011024000
Download  2612011024000 Download

File Size   812.65 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WIRL-BTLE Proteus-e Bluetooth 5.1 module

2612011024000 Datasheet (PDF)

Go To PDF Page Download Datasheet
2612011024000 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 2612011024000
Download  2612011024000 Click to download

File Size   812.65 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WIRL-BTLE Proteus-e Bluetooth 5.1 module

2612011024000 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


2612011024000 Product details

Additional General Information:
Operating Temperature -40 up to +85 °C
Storage Conditions (in original
packaging) < 40 °C ; < 90 % RH
Moisture Sensitivity Level (MSL) 3




Similar Part No. - 2612011024000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
2612011022000 WURTH-2612011022000 Datasheet
812Kb / 7P
   WIRL-NFW2 Ophelia-I radio module
001.000
More results


Similar Description - 2612011024000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
2608011124010 WURTH-2608011124010 Datasheet
456Kb / 6P
   WIRL-BTLE Bluetooth smart 5.0 Standard-RF Pad
001.022
2608011024010 WURTH-2608011024010 Datasheet
457Kb / 6P
   WIRL-BTLE Bluetooth smart 5.0 Standard - PCB Antenna
001.031
2611011024020 WURTH-2611011024020 Datasheet
786Kb / 7P
   WIRL-COMB Setebos-I Combined Proprietary 2.4GHz & BTLE module T&R
002.000
logo
u-blox AG
ANNA-B412 U-BLOX-ANNA-B412 Datasheet
1Mb / 33P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R04 / 21-Sep-2022
ANNA-B402 U-BLOX-ANNA-B402 Datasheet
2Mb / 36P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R05 / 21-Sept-2022
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
   Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
Wurth Elektronik GmbH &...
2609031181000 WURTH-2609031181000 Datasheet
429Kb / 6P
   WIRL-PRO8 Radio module 868MHz
004.000
logo
List of Unclassifed Man...
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
   Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
logo
Wurth Elektronik GmbH &...
2610011025000 WURTH-2610011025000 Datasheet
573Kb / 6P
   WIRL-WIFS Calypso WIFI module T&R
001.023
logo
List of Unclassifed Man...
BLUEM-G1X0 ETC-BLUEM-G1X0 Datasheet
885Kb / 15P
   Bluetooth Module
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com