Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNI12U-M18E-AP4X3 Datasheet (PDF) - Turck, Inc.

DNI12U-M18E-AP4X3 Datasheet PDF - Turck, Inc.
Part # DNI12U-M18E-AP4X3
Download  DNI12U-M18E-AP4X3 Download

File Size   409.38 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive SensorRotation speed monitor

DNI12U-M18E-AP4X3 Datasheet (PDF)

Go To PDF Page Download Datasheet
DNI12U-M18E-AP4X3 Datasheet PDF - Turck, Inc.

Part # DNI12U-M18E-AP4X3
Download  DNI12U-M18E-AP4X3 Click to download

File Size   409.38 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive SensorRotation speed monitor

DNI12U-M18E-AP4X3 Datasheet (HTML) - Turck, Inc.

DNI12U-M18E-AP4X3 Datasheet HTML 1Page - Turck, Inc. DNI12U-M18E-AP4X3 Datasheet HTML 2Page - Turck, Inc. DNI12U-M18E-AP4X3 Datasheet HTML 3Page - Turck, Inc.

DNI12U-M18E-AP4X3 Product details

Features
■Threaded barrel, M18 x 1
■Chrome-plated brass
■Large monitoring range of 3 to 3000 1/min
■Adjusted via potentiometer
■Fixed start-up time delay 5 s
■Resistant to magnetic fields
■DC 3-wire, 10…65 VDC
■NO contact, PNP output
■Cable connection
Functional principle
The rotational speed is detected by periodic
damping of the integrated inductive sensor. This
can be accomplished via metal targets or teeth
on the monitored shaft. The pulse sequence
generated is compared to an adjustable
reference value in a comparator circuit If the
rotational speed is below the reference value,
the output is switched off (0). If the reference
value is exceeded, the output is switched on
(1). The start-up time delay (AÜ) is triggered by
applying voltage to the device and closes the
output for 5 s (start-up time of the drive).




Similar Part No. - DNI12U-M18E-AP4X3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DNI TI1-DNI Datasheet
332Kb / 14P
[Old version datasheet]   ISO5500EVM
logo
Infineon Technologies A...
DNI INFINEON-DNI Datasheet
1Mb / 36P
   iMOTION™ modular application design kit
Revision 1.1 2020-09-29
logo
Turck, Inc.
DNI30U-K40SR-AP4X2 TURCK-DNI30U-K40SR-AP4X2 Datasheet
305Kb / 3P
   Inductive Sensor – Rotation speed monitor
11/07/2023
More results


Similar Description - DNI12U-M18E-AP4X3

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KFA5-DWB-EX1.D PF-KFA5-DWB-EX1.D Datasheet
1Mb / 5P
   Rotation Speed Monitor
KFA6-DWB-EX1.D PF-KFA6-DWB-EX1.D Datasheet
875Kb / 5P
   Rotation Speed Monitor
KFD2-DWB-EX1.D PF-KFD2-DWB-EX1.D Datasheet
1,006Kb / 5P
   Rotation Speed Monitor
KFU8-DWB-1.D PF-KFU8-DWB-1.D Datasheet
711Kb / 4P
   Rotation Speed Monitor
2021-12-10
KFU8-DW-1.D PF-KFU8-DW-1.D Datasheet
1Mb / 6P
   Rotation Speed Monitor
S1SD-1FI-1R PF-S1SD-1FI-1R Datasheet
1Mb / 10P
   Rotation Speed Monitor
KFD2-DWB-1.D PF-KFD2-DWB-1.D Datasheet
894Kb / 5P
   Rotation Speed Monitor
logo
List of Unclassifed Man...
CY30 ETC1-CY30 Datasheet
128Kb / 2P
   Sensor interface for an inductive engine wheel speed single rotation sensor
logo
NEC
MRSM75 NEC-MRSM75 Datasheet
83Kb / 2P
   Rotation detection MR sensor
logo
Vishay Siliconix
POPR27 VISHAY-POPR27 Datasheet
122Kb / 5P
   Single-Turn Continuous Rotation Analog Displacement Sensor
Revision: 04-Jan-17
POHR36 VISHAY-POHR36 Datasheet
262Kb / 11P
   Single-Turn Continuous Rotation Analog Displacement Sensor
Revision: 02-Mar-17
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com