Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

430483031816 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

430483031816 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 430483031816
Download  430483031816 Download

File Size   539.18 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WS-TASV J-Bend SMT Tact Switch

430483031816 Datasheet (PDF)

Go To PDF Page Download Datasheet
430483031816 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 430483031816
Download  430483031816 Click to download

File Size   539.18 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WS-TASV J-Bend SMT Tact Switch

430483031816 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


430483031816 Product details

General Information:
Operating Temperature -40 up to +85 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Washable Yes




Similar Part No. - 430483031816

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
430483035816 WURTH-430483035816 Datasheet
99Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, J-Bend SMD version
More results


Similar Description - 430483031816

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
434133025816 WURTH-434133025816 Datasheet
574Kb / 7P
   WS-TASV J-Bend SMT Tact Switch
001.001
434153017835 WURTH-434153017835 Datasheet
108Kb / 1P
   WS-TASV Tact Switch J-Bend SMD version
434123025816 WURTH-434123025816 Datasheet
94Kb / 1P
   WS-TASV 6,0x3,8mm Tact Switch, J-Bend SMD version
434113025826 WURTH-434113025826 Datasheet
94Kb / 1P
   WS-TASV 6,0x3,8mm Tact Switch, J-Bend SMD version
430453031836 WURTH-430453031836 Datasheet
99Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, J-Bend SMD version
4304X3XXX8X6 WURTH-4304X3XXX8X6 Datasheet
99Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, J-Bend SMD version
430453035836 WURTH-430453035836 Datasheet
99Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, J-Bend SMD version
430162073826 WURTH-430162073826 Datasheet
612Kb / 6P
   WS-TASV SMT Tact Switch
002.000
430453025836 WURTH-430453025836 Datasheet
99Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, J-Bend SMD version
430483035816 WURTH-430483035816 Datasheet
99Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, J-Bend SMD version
431183015816 WURTH-431183015816 Datasheet
103Kb / 1P
   WS-TASV 5x5mm Tact Switch with ground terminal, J-Bend SMD version
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com