Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F3L11MR12W2M1HP_B19 Datasheet (PDF) - Infineon Technologies AG

F3L11MR12W2M1HP_B19 Datasheet PDF - Infineon Technologies AG
Part # F3L11MR12W2M1HP_B19
Download  F3L11MR12W2M1HP_B19 Download
File Size   939.75 Kbytes
Page   23 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EasyPACK™ module with CoolSiC™ Trench MOSFET and PressFIT / NTC / TIM

F3L11MR12W2M1HP_B19 Datasheet (PDF)

Go To PDF Page Download Datasheet
F3L11MR12W2M1HP_B19 Datasheet PDF - Infineon Technologies AG

Part # F3L11MR12W2M1HP_B19
Download  F3L11MR12W2M1HP_B19 Click to download

File Size   939.75 Kbytes
Page   23 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EasyPACK™ module with CoolSiC™ Trench MOSFET and PressFIT / NTC / TIM

F3L11MR12W2M1HP_B19 Datasheet (HTML) - Infineon Technologies AG


F3L11MR12W2M1HP_B19 Product details

Features
• Electrical features
- VDSS = 1200 V
- IDN = 75 A / IDRM = 150 A
- High current density
- Low switching losses
• Mechanical features
- Rugged mounting due to integrated mounting clamps
- Integrated NTC temperature sensor
- PressFIT contact technology
- Pre-applied thermal interface material




Similar Part No. - F3L11MR12W2M1HP_B19

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
F3L11MR12W2M1B74 INFINEON-F3L11MR12W2M1B74 Datasheet
859Kb / 15P
3-Level-Applikationen
V2.0 2020-09-04
F3L11MR12W2M1_B65 INFINEON-F3L11MR12W2M1_B65 Datasheet
665Kb / 11P
EasyPACK??Modul mit CoolSiC??Trench MOSFET und PressFIT / NTC
V2.1 2019-06-26
F3L11MR12W2M1_B74 INFINEON-F3L11MR12W2M1_B74 Datasheet
859Kb / 15P
3-Level-Applikationen
V2.0 2020-09-04
More results


Similar Description - F3L11MR12W2M1HP_B19

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
F3L8MR12W2M1HP_B11 INFINEON-F3L8MR12W2M1HP_B11 Datasheet
1Mb / 22P
EasyPACK??module with CoolSiC??Trench MOSFET and PressFIT / NTC / TIM
Revision 1.10 2022-03-10
FS55MR12W1M1H_B11 INFINEON-FS55MR12W1M1H_B11 Datasheet
1Mb / 16P
EasyPACK??module with CoolSiC??Trench MOSFET and PressFIT / NTC
Revision 1.10 2022-04-13
DF4-19MR20W3M1HF_B11 INFINEON-DF4-19MR20W3M1HF_B11 Datasheet
611Kb / 14P
EasyPACK™ module with CoolSiC™ Trench MOSFET and PressFIT / NTC
Revision 1.00 2022-07-15
DF11MR12W1M1HF_B67 INFINEON-DF11MR12W1M1HF_B67 Datasheet
920Kb / 21P
EasyPACK™ module with CoolSiC™ Trench MOSFET and PressFIT / NTC
Revision 0.10 2022-11-24
DF14MR12W1M1HF_B67 INFINEON-DF14MR12W1M1HF_B67 Datasheet
861Kb / 20P
EasyPACK™ module with CoolSiC™ Trench MOSFET and PressFIT / NTC
Revision 0.10 2022-11-24
DF17MR12W1M1HF_B68 INFINEON-DF17MR12W1M1HF_B68 Datasheet
799Kb / 20P
EasyPACK™ module with CoolSiC™ Trench MOSFET and PressFIT / NTC
Revision 0.10 2022-11-21
FF2MR12W3M1H_B11 INFINEON-FF2MR12W3M1H_B11 Datasheet
1Mb / 16P
EasyPACK™ module with CoolSiC™ Trench MOSFET
Revision 1.10 2022-04-13
FF17MR12W1M1HP_B11 INFINEON-FF17MR12W1M1HP_B11 Datasheet
551Kb / 16P
EasyDUAL module with CoolSiC™ Trench MOSFET and PressFIT / NTC / TIM
Revision 0.30 2023-02-07
FF33MR12W1M1HP_B11 INFINEON-FF33MR12W1M1HP_B11 Datasheet
677Kb / 16P
EasyDUAL module with CoolSiC™ Trench MOSFET and PressFIT / NTC / TIM
Revision 0.20 2022-12-12
FS13MR12W2M1H_B70 INFINEON-FS13MR12W2M1H_B70 Datasheet
648Kb / 16P
EasyPACK™ module with CoolSiC™ Trench MOSFET and PressFIT / NTC
Revision 0.30 2023-03-02
FS33MR12W1M1H INFINEON-FS33MR12W1M1H Datasheet
708Kb / 16P
EasyPACK™ module with CoolSiC™ Trench MOSFET and PressFIT / NTC
Revision 0.20 2022-12-06
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com