Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7144090100 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

7144090100 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 7144090100
Download  7144090100 Download

File Size   603.58 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description Caps for WS-TATL illuminated THT Tact Switch 12x12 mm

7144090100 Datasheet (PDF)

Go To PDF Page Download Datasheet
7144090100 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7144090100
Download  7144090100 Click to download

File Size   603.58 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description Caps for WS-TATL illuminated THT Tact Switch 12x12 mm

7144090100 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.

7144090100 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7144090100 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7144090100 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7144090100 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7144090100 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 7144090100 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 7144090100 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.

7144090100 Product details

General Information:
Operating Temperature -40 up to +85 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1




Similar Part No. - 7144090100

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
714409000 WURTH-714409000 Datasheet
491Kb / 7P
   Caps for WS-TATL illuminated THT Tact Switch 12x12 mm
001.001
More results


Similar Description - 7144090100

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
440XX67082622 WURTH-440XX67082622 Datasheet
143Kb / 2P
   WS-TATL 12x12mm Tact Switch with integrated LED, THT version
431256058736 WURTH-431256058736 Datasheet
874Kb / 8P
   WS-TATU THT Tact Switch
002.002
431256083726 WURTH-431256083726 Datasheet
874Kb / 8P
   WS-TATU THT Tact Switch
002.002
430466085726 WURTH-430466085726 Datasheet
104Kb / 1P
   WS-TATV 12x12mm washable Tact Switch, THT version
430456043736 WURTH-430456043736 Datasheet
105Kb / 1P
   WS-TATV 12x12mm washable Tact Switch, THT version
465RG11172501 WURTH-465RG11172501 Datasheet
784Kb / 9P
   WS-PBTL THT Illuminated Push Button Switch
002.000
430456085736 WURTH-430456085736 Datasheet
104Kb / 1P
   WS-TATV 12x12mm washable Tact Switch, THT version
430466043726 WURTH-430466043726 Datasheet
105Kb / 1P
   WS-TATV 12x12mm washable Tact Switch, THT version
4312X6XXX7X6 WURTH-4312X6XXX7X6 Datasheet
102Kb / 1P
   WS-TATU 6x6mm right angle Tact Switch, THT version
465M111172501 WURTH-465M111172501 Datasheet
531Kb / 7P
   WS-PBTL RGB Illuminated THT
001.002
logo
C&K Components
ITS CK-COMPONENTS-ITS_V02 Datasheet
850Kb / 9P
   Illuminated Tact Switch
3 Dec 21
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com