Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

416131160801 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

416131160801 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 416131160801
Download  416131160801 Download

File Size   663.32 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WS-DISV Small Compact SMT Dip Switch

416131160801 Datasheet (PDF)

Go To PDF Page Download Datasheet
416131160801 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 416131160801
Download  416131160801 Click to download

File Size   663.32 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WS-DISV Small Compact SMT Dip Switch

416131160801 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.

416131160801 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 416131160801 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 416131160801 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 416131160801 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 416131160801 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 416131160801 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 416131160801 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.

416131160801 Product details

General Information:
Operating Temperature -40 up to +85 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Washable Yes




Similar Part No. - 416131160801

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
416131160802 WURTH-416131160802 Datasheet
676Kb / 7P
   WS-DISV Small Compact SMT Dip Switch
001.002
416131160803 WURTH-416131160803 Datasheet
677Kb / 7P
   WS-DISV Small Compact SMT Dip Switch
001.002
416131160804 WURTH-416131160804 Datasheet
675Kb / 7P
   WS-DISV Small Compact SMT Dip Switch
001.002
416131160805 WURTH-416131160805 Datasheet
675Kb / 7P
   WS-DISV Small Compact SMT Dip Switch
001.002
416131160806 WURTH-416131160806 Datasheet
675Kb / 7P
   WS-DISV Small Compact SMT Dip Switch
001.002
More results


Similar Description - 416131160801

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
416131160803 WURTH-416131160803 Datasheet
677Kb / 7P
   WS-DISV Small Compact SMT Dip Switch
001.002
418121270808 WURTH-418121270808 Datasheet
639Kb / 7P
   WS-DISV Small Compact SMT Dip
001.001
418127270901 WURTH-418127270901 Datasheet
394Kb / 6P
   WS-DITV Small Compact THT Dip Switch
001.001
418127270912 WURTH-418127270912 Datasheet
394Kb / 6P
   WS-DITV Small Compact THT Dip Switch
001.001
418127160903 WURTH-418127160903 Datasheet
392Kb / 6P
   WS-DITV Small Compact THT Dip Switch
001.001
418127160908 WURTH-418127160908 Datasheet
392Kb / 6P
   WS-DITV Small Compact THT Dip Switch
001.001
418127160906 WURTH-418127160906 Datasheet
394Kb / 6P
   WS-DITV Small Compact THT Dip Switch
001.001
418127160901 WURTH-418127160901 Datasheet
393Kb / 6P
   WS-DITV Small Compact THT Dip Switch
001.001
418127160904 WURTH-418127160904 Datasheet
392Kb / 6P
   WS-DITV Small Compact THT Dip Switch
001.001
418127270903 WURTH-418127270903 Datasheet
393Kb / 6P
   WS-DITV Small Compact THT Dip Switch
001.001
418127270910 WURTH-418127270910 Datasheet
393Kb / 6P
   WS-DITV Small Compact THT Dip Switch
001.001
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com