Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

85150709 Datasheet (PDF) - Huber+Suhner, Inc.

85150709 Datasheet PDF - Huber+Suhner, Inc.
Part # 85150709
Download  85150709 Download

File Size   252.91 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Duplex_LC pushpull-LC pushpull_UPC/APC_1.7mm_yellow_SM/A2

85150709 Datasheet (PDF)

Go To PDF Page Download Datasheet
85150709 Datasheet PDF - Huber+Suhner, Inc.

Part # 85150709
Download  85150709 Click to download

File Size   252.91 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Duplex_LC pushpull-LC pushpull_UPC/APC_1.7mm_yellow_SM/A2

85150709 Datasheet (HTML) - Huber+Suhner, Inc.


85150709 Product details

Properties
• One-piece design
for easy and quick
termination
• Push-pull mechanism for
best handling and high
packing density
• Very short rigid length




Similar Part No. - 85150709

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8515 FILTRAN-8515 Datasheet
176Kb / 1P
T1/E1 Interface Modules
logo
Heyco.
8515 HEYCO-8515 Datasheet
136Kb / 1P
Heyco-Flex™ Quick Twist Conduit Fittings
logo
Huber+Suhner, Inc.
85151794 HUBERSUHNER-85151794 Datasheet
253Kb / 2P
COAXIAL CONNECTOR, PC 2.4, 50 Ohm, Straight cable plug (male)
85151795 HUBERSUHNER-85151795 Datasheet
273Kb / 2P
COAXIAL CONNECTOR, PC 2.4, 50 Ohm, Straight cable jack (female)
85151971 HUBERSUHNER-85151971 Datasheet
253Kb / 2P
COAXIAL CONNECTOR, SK, 50 Ohm, Straight cable plug (male)
More results


Similar Description - 85150709

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-12-008-4770 HARTING-09-12-008-4770 Datasheet
485Kb / 2P
Han PushPull Power T
2021-10-01
logo
Weidmuller
IE-PS-V04P-RJ45-FH WEIDMULLER-IE-PS-V04P-RJ45-FH Datasheet
358Kb / 6P
PushPull plug-in connector set according to IEC
14.01.2022
logo
PHOENIX CONTACT
1884416 PHOENIX-1884416 Datasheet
98Kb / 4P
VC-MP-A2
1884335 PHOENIX-1884335 Datasheet
105Kb / 4P
VC-MEMV-A2
logo
Asahi Kasei Microsystem...
AK4141 AKM-AK4141 Datasheet
2Mb / 96P
NICAM/A2/EIA-J
logo
Adam Technologies, Inc.
MMI-ES1GXXPR-T ADAM-TECH-MMI-ES1GXXPR-T Datasheet
243Kb / 2P
PUSHPULL ELBOW SOCKET, RIGHT ANGLE, SIZE 1, PCB MOUNT, THREADED BUSHING, IP5)
logo
PHOENIX CONTACT
1886773 PHOENIX-1886773 Datasheet
62Kb / 2P
Protective covers - VC-SD-A2
1679281 PHOENIX-1679281 Datasheet
107Kb / 4P
HC-M-MHR-A2-N
logo
Molex Electronics Ltd.
0885236604 MOLEX10-0885236604 Datasheet
96Kb / 2P
LC-to-LC, Multimode
logo
PHOENIX CONTACT
1704535 PHOENIX-1704535 Datasheet
62Kb / 2P
FKC 2,5/ 2-ST BD:A1,A2
logo
Maxim Integrated Produc...
DS21Q59 MAXIM-DS21Q59 Datasheet
17Kb / 4P
RELIABILITY REPORT FOR DS21Q59, REV A2
02/03/2004 Rev A2
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com