Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

OPA875 Datasheet (PDF) - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. OPA875
Download   OPA875 Click to view
File Size   688.59 Kbytes
Page   21 Pages
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 
Description Single 2:1 High-Speed Video Multiplexer

OPA875 Datasheet (HTML) - Burr-Brown (TI)

 

OPA875 Datasheet (PDF)

Download Datasheet

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
OPA875
Single 2:1 High-Speed Video Multiplexer 1 2 3 4 5 MoreTexas Instruments
OPA3875
Triple 2:1 High-Speed Video Multiplexer 1 2 3 4 5 MoreBurr-Brown (TI)
MC10E158_06
5V ECL 5-Bit 2:1 Multiplexer 1 2 3 4 5 MoreON Semiconductor
SY10E158_06
5-BIT 2:1 MULTIPLEXER 1 2 3 4 Micrel Semiconductor
M3355
2-INPUT SINGLE VIDEO SWITCH 1 2 3 4 5 MoreUnisonic Technologies
SY10E457_06
TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER 1 2 3 4 Micrel Semiconductor
SY89543L
3.3V 3.2Gbps DUAL DIFFERENTIAL 2:1 LVDS MULTIPLEXER with INTERNAL TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
FSAL200_06
Wide Bandwidth Quad 2:1 Analog Multiplexer / Demultiplexer Switch 1 2 3 4 5 MoreFairchild Semiconductor
FHP3130_06
Single Dual and Quad High-Speed 2.7V to 12V Rail-to-Rail Amplifiers 1 2 3 4 5 MoreFairchild Semiconductor

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn