Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23001723 Datasheet (PDF) - Huber+Suhner, Inc.

23001723 Datasheet PDF - Huber+Suhner, Inc.
Part # 23001723
Download  23001723 Download
File Size   610.33 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description COAXIAL CONNECTOR, TNC, 50 Ohm, Straight bulkhead cable jack (female)

23001723 Datasheet (PDF)

Go To PDF Page Download Datasheet
23001723 Datasheet PDF - Huber+Suhner, Inc.

Part # 23001723
Download  23001723 Click to download

File Size   610.33 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description COAXIAL CONNECTOR, TNC, 50 Ohm, Straight bulkhead cable jack (female)

23001723 Datasheet (HTML) - Huber+Suhner, Inc.


23001723 Product details

Properties
• Threaded coupling
mechanism improves
control over the inteace
dimensions
• Used under a higher
environmental load than
BNC
• Available for 50 ohm and
75 ohm applications
• Applicable in frequencies
up to 11 GHz




Similar Part No. - 23001723

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
23001721 HUBERSUHNER-23001721 Datasheet
611Kb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Straight bulkhead cable jack (female)
23001722 HUBERSUHNER-23001722 Datasheet
658Kb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Straight bulkhead cable jack (female)
More results


Similar Description - 23001723

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
34_TNC-50-0-1133_N HUBERSUHNER-34_TNC-50-0-1133_N Datasheet
3Mb / 2P
COAXIAL ADAPTER, TNC, 50 Ohm, Bulkhead, jack / jack (female / female)
SF_24_BMA-325 HUBERSUHNER-SF_24_BMA-325 Datasheet
909Kb / 2P
COAXIAL CONNECTOR, BMA, 50 Ohm, Straight bulkhead cable jack (female)
SF_25_BMA-401 HUBERSUHNER-SF_25_BMA-401 Datasheet
1Mb / 2P
COAXIAL CONNECTOR, BMA, 50 Ohm, Straight bulkhead cable jack (female)
24_BNC-50-2-46133_N HUBERSUHNER-24_BNC-50-2-46133_N Datasheet
452Kb / 2P
COAXIAL CONNECTOR, BNC, 50 Ohm, Straight bulkhead cable jack (female)
24_BNC-50-3-25133_N HUBERSUHNER-24_BNC-50-3-25133_N Datasheet
451Kb / 2P
COAXIAL CONNECTOR, BNC, 50 Ohm, Straight bulkhead cable jack (female)
24_BNC-50-3-33133_N HUBERSUHNER-24_BNC-50-3-33133_N Datasheet
392Kb / 2P
COAXIAL CONNECTOR, BNC, 50 Ohm, Straight bulkhead cable jack (female)
24_BNC-50-3-37133_N HUBERSUHNER-24_BNC-50-3-37133_N Datasheet
452Kb / 2P
COAXIAL CONNECTOR, BNC, 50 Ohm, Straight bulkhead cable jack (female)
24_MCX-50-2-6111_N HUBERSUHNER-24_MCX-50-2-6111_N Datasheet
165Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead cable jack (female)
24_N-50-2-14133_N HUBERSUHNER-24_N-50-2-14133_N Datasheet
508Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight bulkhead cable jack (female)
24_MMCX-50-1-6111_O HUBERSUHNER-24_MMCX-50-1-6111_O Datasheet
131Kb / 2P
COAXIAL CONNECTOR, MMCX, 50 Ohm, Straight bulkhead cable jack (female)
24_N-50-2-1133_N HUBERSUHNER-24_N-50-2-1133_N Datasheet
438Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight bulkhead cable jack (female)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com