Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23001716 Datasheet (PDF) - Huber+Suhner, Inc.

23001716 Datasheet PDF - Huber+Suhner, Inc.
Part # 23001716
Download  23001716 Download
File Size   820.37 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description COAXIAL CONNECTOR, TNC, 50 Ohm, Right angle cable plug (male)

23001716 Datasheet (PDF)

Go To PDF Page Download Datasheet
23001716 Datasheet PDF - Huber+Suhner, Inc.

Part # 23001716
Download  23001716 Click to download

File Size   820.37 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description COAXIAL CONNECTOR, TNC, 50 Ohm, Right angle cable plug (male)

23001716 Datasheet (HTML) - Huber+Suhner, Inc.


23001716 Product details

Properties
• Threaded coupling
mechanism improves
control over the inteace
dimensions
• Used under a higher
environmental load than
BNC
• Available for 50 ohm and
75 ohm applications
• Applicable in frequencies
up to 11 GHz




Similar Part No. - 23001716

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
23001711 HUBERSUHNER-23001711 Datasheet
614Kb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Straight cable plug (male)
23001712 HUBERSUHNER-23001712 Datasheet
614Kb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Straight cable plug (male)
23001713 HUBERSUHNER-23001713 Datasheet
614Kb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Straight cable plug (male)
23001714 HUBERSUHNER-23001714 Datasheet
619Kb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Straight cable plug (male)
23001715 HUBERSUHNER-23001715 Datasheet
619Kb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Straight cable plug (male)
More results


Similar Description - 23001716

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
16_TNC-50-7-7 HUBERSUHNER-16_TNC-50-7-7 Datasheet
2Mb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Right angle cable plug (male)
16_TNC-50-4-115133_NH-1 HUBERSUHNER-16_TNC-50-4-115133_NH-1 Datasheet
803Kb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Right angle cable plug (male)
16_TNC-50-4-16133_N HUBERSUHNER-16_TNC-50-4-16133_N Datasheet
3Mb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Right angle cable plug (male)
16_TNC-50-7-12133_N HUBERSUHNER-16_TNC-50-7-12133_N Datasheet
10Mb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Right angle cable plug (male)
16_TNC-50-7-4133_N HUBERSUHNER-16_TNC-50-7-4133_N Datasheet
368Kb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Right angle cable plug (male)
16_TNC-50-3-28133_N HUBERSUHNER-16_TNC-50-3-28133_N Datasheet
368Kb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Right angle cable plug (male)
16_TNC-50-3-21133_N HUBERSUHNER-16_TNC-50-3-21133_N Datasheet
3Mb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Right angle cable plug (male)
16_TNC-50-3-112133_N HUBERSUHNER-16_TNC-50-3-112133_N Datasheet
803Kb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Right angle cable plug (male)
16_TNC-50-3-2413-_N HUBERSUHNER-16_TNC-50-3-2413-_N Datasheet
3Mb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Right angle cable plug (male)
16_TNC-50-4-83199_N HUBERSUHNER-16_TNC-50-4-83199_N Datasheet
3Mb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Right angle cable plug (male)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com