Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23001714 Datasheet (PDF) - Huber+Suhner, Inc.

23001714 Datasheet PDF - Huber+Suhner, Inc.
Part # 23001714
Download  23001714 Download
File Size   619.81 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description COAXIAL CONNECTOR, TNC, 50 Ohm, Straight cable plug (male)

23001714 Datasheet (PDF)

Go To PDF Page Download Datasheet
23001714 Datasheet PDF - Huber+Suhner, Inc.

Part # 23001714
Download  23001714 Click to download

File Size   619.81 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description COAXIAL CONNECTOR, TNC, 50 Ohm, Straight cable plug (male)

23001714 Datasheet (HTML) - Huber+Suhner, Inc.


23001714 Product details

Properties
• Threaded coupling
mechanism improves
control over the inteace
dimensions
• Used under a higher
environmental load than
BNC
• Available for 50 ohm and
75 ohm applications
• Applicable in frequencies
up to 11 GHz




Similar Part No. - 23001714

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
23001711 HUBERSUHNER-23001711 Datasheet
614Kb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Straight cable plug (male)
23001712 HUBERSUHNER-23001712 Datasheet
614Kb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Straight cable plug (male)
23001713 HUBERSUHNER-23001713 Datasheet
614Kb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Straight cable plug (male)
23001716 HUBERSUHNER-23001716 Datasheet
820Kb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Right angle cable plug (male)
23001718 HUBERSUHNER-23001718 Datasheet
803Kb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Right angle cable plug (male)
More results


Similar Description - 23001714

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
11_TNC-50-1-7133_N HUBERSUHNER-11_TNC-50-1-7133_N Datasheet
112Kb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Straight cable plug (male)
11_TNC-50-2-20103_N HUBERSUHNER-11_TNC-50-2-20103_N Datasheet
270Kb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Straight cable plug (male)
11_TNC-50-3-29103_N HUBERSUHNER-11_TNC-50-3-29103_N Datasheet
269Kb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Straight cable plug (male)
11_TNC-50-3-31133_N HUBERSUHNER-11_TNC-50-3-31133_N Datasheet
112Kb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Straight cable plug (male)
11_TNC-50-4-2312-_N HUBERSUHNER-11_TNC-50-4-2312-_N Datasheet
1Mb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Straight cable plug (male)
11_TNC-50-4-52133_N HUBERSUHNER-11_TNC-50-4-52133_N Datasheet
14Mb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Straight cable plug (male)
11_TNC-50-4-120199_N HUBERSUHNER-11_TNC-50-4-120199_N Datasheet
3Mb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Straight cable plug (male)
11_TNC-50-7-10133_N HUBERSUHNER-11_TNC-50-7-10133_N Datasheet
7Mb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Straight cable plug (male)
11_TNC-50-7-20133_U HUBERSUHNER-11_TNC-50-7-20133_U Datasheet
113Kb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Straight cable plug (male)
11_TNC-50-7-2133_N HUBERSUHNER-11_TNC-50-7-2133_N Datasheet
181Kb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Straight cable plug (male)
11_TNC-50-7-9133_N HUBERSUHNER-11_TNC-50-7-9133_N Datasheet
112Kb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Straight cable plug (male)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com