Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1244008 Datasheet (PDF) - PHOENIX CONTACT

1244008 Datasheet PDF - PHOENIX CONTACT
Part # 1244008
Download  1244008 Download

File Size   360.6 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CA-06P1N129007X - Coupler connector

1244008 Datasheet (PDF)

Go To PDF Page Download Datasheet
1244008 Datasheet PDF - PHOENIX CONTACT

Part # 1244008
Download  1244008 Click to download

File Size   360.6 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CA-06P1N129007X - Coupler connector

1244008 Datasheet (HTML) - PHOENIX CONTACT

1244008 Datasheet HTML 1Page - PHOENIX CONTACT 1244008 Datasheet HTML 2Page - PHOENIX CONTACT 1244008 Datasheet HTML 3Page - PHOENIX CONTACT 1244008 Datasheet HTML 4Page - PHOENIX CONTACT 1244008 Datasheet HTML 5Page - PHOENIX CONTACT 1244008 Datasheet HTML 6Page - PHOENIX CONTACT 1244008 Datasheet HTML 7Page - PHOENIX CONTACT 1244008 Datasheet HTML 8Page - PHOENIX CONTACT 1244008 Datasheet HTML 9Page - PHOENIX CONTACT 1244008 Datasheet HTML 10Page - PHOENIX CONTACT

1244008 Product details

M23, Coupler connector, series: CA, straight, shielded: yes, for standard and SPEEDCON
interlock, No. of pos.: 6, Direction of rotation: Standard, contact connection type: Pin, Solder
connection, cable diameter range: 6 mm ... 10 mm, coding: N, Item is lead-free in accordance
with RoHS II without Exemption 6c (Pb <0.1%)

Your advantages
• Safe use in the field, thanks to high degree of protection
• Connector for flexible on-site assembly
• Consistent EMC protection for reliable transmission of signals
• Solder connection: proven connection technology for various litz wires




Similar Part No. - 1244008

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1244000 PHOENIX-1244000 Datasheet
363Kb / 11P
   CA-09P1N129007X - Coupler connector
1244002 PHOENIX-1244002 Datasheet
433Kb / 13P
   CA-07P1N8A9007X - Coupler connector
1244005 PHOENIX-1244005 Datasheet
362Kb / 11P
   CA-07S1N129007X - Coupler connector
1244007 PHOENIX-1244007 Datasheet
452Kb / 14P
   CA-06S1N8A9007X - Coupler connector
More results


Similar Description - 1244008

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1620114 PHOENIX-1620114 Datasheet
64Kb / 4P
   Coupler connector - CA-07P1N129007
1620074 PHOENIX-1620074 Datasheet
65Kb / 4P
   Coupler connector - CA-12P1N129007
1620075 PHOENIX-1620075 Datasheet
64Kb / 4P
   Coupler connector - CA-12S1N129007
1620159 PHOENIX-1620159 Datasheet
259Kb / 5P
   Coupler connector - CA-12P1N1290DN
1620048 PHOENIX-1620048 Datasheet
65Kb / 4P
   Coupler connector - CA-19S1N129007
1620042 PHOENIX-1620042 Datasheet
63Kb / 4P
   Coupler connector - CA-07S1N129008
1620172 PHOENIX-1620172 Datasheet
63Kb / 4P
   Coupler connector - CA-06S1N1290DN
1620144 PHOENIX-1620144 Datasheet
64Kb / 4P
   Coupler connector - CA-06P1N129006
1620024 PHOENIX-1620024 Datasheet
65Kb / 4P
   Coupler connector - CA-17S1N129008
1620045 PHOENIX-1620045 Datasheet
64Kb / 4P
   Coupler connector - CA-06P1N129008
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com