Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP30200G Datasheet (PDF) - Electronic Components Ltd.

CP30200G Datasheet PDF - Electronic Components Ltd.
Part # CP30200G
Download  CP30200G Download

File Size   468.16 Kbytes
Page   1 Pages
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.
Description HDMI FEMALE - FEMALE FEEDTHROUGH CONNECTOR

CP30200G Datasheet (PDF)

Go To PDF Page Download Datasheet
CP30200G Datasheet PDF - Electronic Components Ltd.

Part # CP30200G
Download  CP30200G Click to download

File Size   468.16 Kbytes
Page   1 Pages
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.
Description HDMI FEMALE - FEMALE FEEDTHROUGH CONNECTOR

CP30200G Datasheet (HTML) - Electronic Components Ltd.


CP30200G Product details

l Front or rear mounted.
l Fits standard XLR Ø24mm cutout.
l Low rear profile
l No soldering or punch termination. Use standard cable for each connector style.
Feedthrough Features




Similar Part No. - CP30200G

ManufacturerPart #DatasheetDescription
logo
Power-One
CP3020-7R POWER-ONE-CP3020-7R Datasheet
72Kb / 5P
   120...195 Watt DC-DC Converters
logo
Electronic Components L...
CP30201 CLIFF-CP30201 Datasheet
306Kb / 1P
   FEEDTHROUGH CONNECTOR USB-C FEMALE - FEMALE
CP30201W CLIFF-CP30201W Datasheet
306Kb / 1P
   FEEDTHROUGH CONNECTOR USB-C FEMALE - FEMALE
CP30201X CLIFF-CP30201X Datasheet
306Kb / 1P
   FEEDTHROUGH CONNECTOR USB-C FEMALE - FEMALE
CP30201XW CLIFF-CP30201XW Datasheet
306Kb / 1P
   FEEDTHROUGH CONNECTOR USB-C FEMALE - FEMALE
More results


Similar Description - CP30200G

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CP30288 CLIFF-CP30288 Datasheet
462Kb / 1P
   8K HDMI FEMALE - FEMALE FEEDTHROUGH CONNECTOR
05/2023
CP30201 CLIFF-CP30201 Datasheet
306Kb / 1P
   FEEDTHROUGH CONNECTOR USB-C FEMALE - FEMALE
CP30211 CLIFF-CP30211 Datasheet
291Kb / 1P
   USB-C Female-Male FEEDTHROUGH CONNECTOR
06/2021
CP30212 CLIFF-CP30212 Datasheet
294Kb / 1P
   DUAL USB-C Female-Male FEEDTHROUGH CONNECTOR
06/2021
logo
SUYIN USA, INC.
100098FD019SX02ZA SUYIN-USA-100098FD019SX02ZA Datasheet
167Kb / 2P
   HDMI Solder Type Female Connector
100042MD019SX06ZA SUYIN-USA-100042MD019SX06ZA Datasheet
175Kb / 2P
   HDMI Solder Type Female Connector
100042MA019SX05ZA SUYIN-USA-100042MA019SX05ZA Datasheet
228Kb / 2P
   HDMI Vertical SMT Type Female Connector
logo
Neutrik AG
NADB9FF NEUTRIK-NADB9FF Datasheet
68Kb / 2P
   9 pole D-SUB feedthrough, female to female, D-shape nickel housing
NADB9FF-B NEUTRIK-NADB9FF-B Datasheet
67Kb / 2P
   9 pole D-SUB feedthrough, female to female, black D-shape housing
NADB15FF-B NEUTRIK-NADB15FF-B Datasheet
87Kb / 2P
   15 pole D-SUB feedthrough, female to female, black D-shape housing
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com