Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

85151971 Datasheet (PDF) - Huber+Suhner, Inc.

85151971 Datasheet PDF - Huber+Suhner, Inc.
Part # 85151971
Download  85151971 Download

File Size   253.16 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description COAXIAL CONNECTOR, SK, 50 Ohm, Straight cable plug (male)

85151971 Datasheet (PDF)

Go To PDF Page Download Datasheet
85151971 Datasheet PDF - Huber+Suhner, Inc.

Part # 85151971
Download  85151971 Click to download

File Size   253.16 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description COAXIAL CONNECTOR, SK, 50 Ohm, Straight cable plug (male)

85151971 Datasheet (HTML) - Huber+Suhner, Inc.


85151971 Product details

Properties
Applicable up to 40 GHz




Similar Part No. - 85151971

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
85151972 HUBERSUHNER-85151972 Datasheet
273Kb / 2P
COAXIAL CONNECTOR, SK, 50 Ohm, Straight cable jack (female)
85151974 HUBERSUHNER-85151974 Datasheet
255Kb / 2P
COAXIAL CONNECTOR, SMA, 50 Ohm, Straight cable plug (male)
More results


Similar Description - 85151971

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
SF_11_SK-508 HUBERSUHNER-SF_11_SK-508 Datasheet
253Kb / 2P
COAXIAL CONNECTOR, SK, 50 Ohm, Straight cable plug (male)
11_SK-50-3-5199_N HUBERSUHNER-11_SK-50-3-5199_N Datasheet
255Kb / 2P
COAXIAL CONNECTOR, SK, 50 Ohm, Straight cable plug (male)
SF_11_SK-502 HUBERSUHNER-SF_11_SK-502 Datasheet
253Kb / 2P
COAXIAL CONNECTOR, SK, 50 Ohm, Straight cable plug (male)
SF_11_SK-503 HUBERSUHNER-SF_11_SK-503 Datasheet
254Kb / 2P
COAXIAL CONNECTOR, SK, 50 Ohm, Straight cable plug (male)
11_SK-50-3-51199_N HUBERSUHNER-11_SK-50-3-51199_N Datasheet
255Kb / 2P
COAXIAL CONNECTOR, SK, 50 Ohm, Straight cable plug (male)
11_SK-50-4-3199_N HUBERSUHNER-11_SK-50-4-3199_N Datasheet
255Kb / 2P
COAXIAL CONNECTOR, SK, 50 Ohm, Straight cable plug (male)
SF_11_SK-505 HUBERSUHNER-SF_11_SK-505 Datasheet
253Kb / 2P
COAXIAL CONNECTOR, SK, 50 Ohm, Straight cable plug (male)
SF_11_SK-252 HUBERSUHNER-SF_11_SK-252 Datasheet
253Kb / 2P
COAXIAL CONNECTOR, SK, 50 Ohm, Straight cable plug (male)
SF_11_SK-501 HUBERSUHNER-SF_11_SK-501 Datasheet
253Kb / 2P
COAXIAL CONNECTOR, SK, 50 Ohm, Straight cable plug (male)
SF_11_SK-506 HUBERSUHNER-SF_11_SK-506 Datasheet
253Kb / 2P
COAXIAL CONNECTOR, SK, 50 Ohm, Straight cable plug (male)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com