Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWL100 Datasheet (PDF) - Vaisala

CWL100 Datasheet PDF - Vaisala
Part # CWL100
Download  CWL100 Download
File Size   488.42 Kbytes
Page   3 Pages
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala
Description Cloud Wireless Data Logger

CWL100 Datasheet (PDF)

Go To PDF Page Download Datasheet
CWL100 Datasheet PDF - Vaisala

Part # CWL100
Download  CWL100 Click to download

File Size   488.42 Kbytes
Page   3 Pages
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala
Description Cloud Wireless Data Logger

CWL100 Datasheet (HTML) - Vaisala


CWL100 Product details

Features
• Reliable >100 m (approx. 330 ft)
wireless range utilizing LoRa™
radio technology
• Detachable high-accuracy relative
humidity and temperature probes
• Typical battery life of 18 months
• Uses standard alkaline batteries
• Optional magnetic mounting
bracket available




Similar Part No. - CWL100

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
CWL1 KNIGHTSBRIDGE-CWL1 Datasheet
164Kb / 2P
230V IP44 3W LED Wall Light Chrome
29/04/2024
logo
Cooper Bussmann, Inc.
CWL115FI COOPER-CWL115FI Datasheet
3Mb / 81P
Locking Devices
CWL115FO COOPER-CWL115FO Datasheet
3Mb / 81P
Locking Devices
CWL115R COOPER-CWL115R Datasheet
3Mb / 81P
Locking Devices
More results


Similar Description - CWL100

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
34832A HP-34832A Datasheet
331Kb / 4P
BenchLink Data Logger Pro
34830A HP-34830A Datasheet
330Kb / 4P
BenchLink Data Logger Pro
logo
List of Unclassifed Man...
PP222 ETC-PP222 Datasheet
374Kb / 2P
THERMOCOUPLE DATA LOGGER
logo
TT Electronics.
DS6003 TTELEC-DS6003 Datasheet
310Kb / 2P
Compact Data Logger
DS7000 TTELEC-DS7000 Datasheet
311Kb / 2P
Universal Data Logger
logo
Pico Technology Ltd.
CM3 PICO-CM3 Datasheet
6Mb / 9P
Current data logger
TC-08 PICO-TC-08 Datasheet
9Mb / 11P
Cloud-connected 8-channel thermocouple data logger
logo
Vaisala
DL1700 VAISALA-DL1700 Datasheet
249Kb / 2P
DL1700 Thermocouple Data Logger
QML201C VAISALA-QML201C Datasheet
420Kb / 2P
Data Logger QML201C
RFL100 VAISALA-RFL100 Datasheet
677Kb / 5P
RFL100 Wireless Data Logger for continuous monitoring systems
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com