Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97646 Datasheet (PDF) - Intersil Corporation

ISL97646 Datasheet PDF - Intersil Corporation
Part # ISL97646
Download  ISL97646 Download
File Size   446.23 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Boost LDO VON Slice VCOM

ISL97646 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97646 Datasheet PDF - Intersil Corporation

Part # ISL97646
Download  ISL97646 Click to download

File Size   446.23 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Boost LDO VON Slice VCOM

ISL97646 Datasheet (HTML) - Intersil Corporation


ISL97646 Product details

The ISL97646 represents an integrated DC/DC regulator for monitor and notebook applications with screen sizes up to 20”. The device integrates a boost converter for generating AVDD, a VON slice circuit, an integrated logic LDO and a high performance VCOM amplifier.

The boost converter features a 2.6A FET and has user programmable soft-start and compensation. With efficiencies up to 92%, the AVDD is user selectable from 7V to 20V. The logic LDO includes a 350mA FET for driving the low voltage needed by the external digital circuitry.

The VON slice circuit can control gate voltages up to 30V. High and low levels are programmable, as well as discharge rate and timing.

The integrated VCOM features high speed and drive capability. With 30MHz bandwidth and 50V/µs slew rate, the VCOM amplifier is capable of driving 400mA peaks, and 100mA continuous output current.



Features

• 2.7V to 5.5V Input

• 2.6A Integrated Boost for Up to 20V AVDD

• Integrated VON Slice

• 350mA VLOGIC LDO

   - 2.5V, 2.85V, 3.3V Output Voltage Selectable

• 600kHz/1.2MHz fS

• VCOM Amplifier

   - 30MHz BW

   - 50V/µs SR

   - 400mA Peak Output Current

• UV and OT Protection

• 24 Ld 4x4 QFN

• Pb-Free (RoHS Compliant)



Applications

• LCD Monitors (15”+)

• Notebook Display (up to 16”)




Similar Part No. - ISL97646

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97646 INTERSIL-ISL97646 Datasheet
453Kb / 15P
Boost LDO VON Slice VCOM
logo
Renesas Technology Corp
ISL97646 RENESAS-ISL97646 Datasheet
852Kb / 15P
Boost LDO VON Slice VCOM
logo
Intersil Corporation
ISL97646IRZ-T INTERSIL-ISL97646IRZ-T Datasheet
453Kb / 15P
Boost LDO VON Slice VCOM
logo
Renesas Technology Corp
ISL97646IRZ-T RENESAS-ISL97646IRZ-T Datasheet
852Kb / 15P
Boost LDO VON Slice VCOM
logo
Intersil Corporation
ISL97646IRZ-TK INTERSIL-ISL97646IRZ-TK Datasheet
453Kb / 15P
Boost LDO VON Slice VCOM
More results


Similar Description - ISL97646

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97644 INTERSIL-ISL97644 Datasheet
548Kb / 15P
Boost LDO VON Slice VCOM
ISL97645 INTERSIL-ISL97645 Datasheet
539Kb / 14P
Boost VON Slice VCOM
ISL97645A INTERSIL-ISL97645A Datasheet
523Kb / 15P
Boost VON Slice VCOM
ISL97645 INTERSIL-ISL97645_07 Datasheet
439Kb / 14P
Boost VON Slice VCOM
ISL97644 INTERSIL-ISL97644_07 Datasheet
448Kb / 15P
Boost LDO VON Slice VCOM
ISL97645A INTERSIL-ISL97645A_10 Datasheet
534Kb / 16P
Boost VON Slice VCOM Reset
ISL97646 INTERSIL-ISL97646_07 Datasheet
453Kb / 15P
Boost LDO VON Slice VCOM
logo
Renesas Technology Corp
ISL97644 RENESAS-ISL97644 Datasheet
855Kb / 15P
Boost LDO VON Slice VCOM
ISL97646 RENESAS-ISL97646 Datasheet
852Kb / 15P
Boost LDO VON Slice VCOM
ISL97645 RENESAS-ISL97645 Datasheet
899Kb / 14P
Boost VON Slice VCOM
December 14, 2007
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com