Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMM3020-BD Datasheet (PDF) - Mimix Broadband

CMM3020-BD Datasheet PDF - Mimix Broadband
Part # CMM3020-BD_06
Download  CMM3020-BD Download

File Size   93.17 Kbytes
Page   2 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 30 kHz-20 GHz GaAs MMIC Optical Modulator Driver Amplifier

CMM3020-BD Datasheet (PDF)

Go To PDF Page Download Datasheet
CMM3020-BD Datasheet PDF - Mimix Broadband

Part # CMM3020-BD_06
Download  CMM3020-BD Click to download

File Size   93.17 Kbytes
Page   2 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 30 kHz-20 GHz GaAs MMIC Optical Modulator Driver Amplifier

CMM3020-BD Datasheet (HTML) - Mimix Broadband

CMM3020-BD_06 Datasheet HTML 1Page - Mimix Broadband CMM3020-BD_06 Datasheet HTML 2Page - Mimix Broadband



Similar Part No. - CMM3020-BD_06

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM3020-BD-0048 MIMIX-CMM3020-BD-0048 Datasheet
453Kb / 3P
   30 kHz to 20 GHz GaAs MMIC Optical Modulator Driver Amplifer
CMM3020-BD-0192 MIMIX-CMM3020-BD-0192 Datasheet
453Kb / 3P
   30 kHz to 20 GHz GaAs MMIC Optical Modulator Driver Amplifer
More results


Similar Description - CMM3020-BD_06

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM2030-BD MIMIX-CMM2030-BD Datasheet
279Kb / 4P
   30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier
CMM3030-BD MIMIX-CMM3030-BD_06 Datasheet
197Kb / 4P
   30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier
logo
List of Unclassifed Man...
CMM2030 ETC-CMM2030 Datasheet
566Kb / 4P
   30 KHZ TO 30 GHZ GAAS MMIC OPTICAL MODULATOR DRIVER AMPLIFIER
logo
Mimix Broadband
CMM3020-BD MIMIX-CMM3020-BD Datasheet
453Kb / 3P
   30 kHz to 20 GHz GaAs MMIC Optical Modulator Driver Amplifer
CMM3030-BD MIMIX-CMM3030-BD Datasheet
863Kb / 5P
   30 kHz to GHz GaAs MMIC Optical Modulator Driver Amplifer
logo
Hittite Microwave Corpo...
HMC465LP5 HITTITE-HMC465LP5_10 Datasheet
985Kb / 8P
   GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20 GHz
HMC465 HITTITE-HMC465_10 Datasheet
610Kb / 8P
   GaAs pHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20 GHz
logo
Mimix Broadband
XD1008-BD MIMIX-XD1008-BD Datasheet
341Kb / 10P
   30 kHz - 40 GHz GaAs MMIC Distributed Amplifier
logo
Hittite Microwave Corpo...
HMC465 HITTITE-HMC465 Datasheet
292Kb / 8P
   GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20.0 GHz
HMC465LP5 HITTITE-HMC465LP5 Datasheet
326Kb / 8P
   GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20.0 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com