Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFK2162-P5-000T Datasheet (PDF) - Mimix Broadband

CFK2162-P5-000T Datasheet PDF - Mimix Broadband
Part # CFK2162-P5-000T
Download  CFK2162-P5-000T Download

File Size   446.87 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 2.3 to 2.5 GHz 34 dBm Power GaAs FET

CFK2162-P5-000T Datasheet (PDF)

Go To PDF Page Download Datasheet
CFK2162-P5-000T Datasheet PDF - Mimix Broadband

Part # CFK2162-P5-000T
Download  CFK2162-P5-000T Click to download

File Size   446.87 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 2.3 to 2.5 GHz 34 dBm Power GaAs FET

CFK2162-P5-000T Datasheet (HTML) - Mimix Broadband

CFK2162-P5-000T Datasheet HTML 1Page - Mimix Broadband CFK2162-P5-000T Datasheet HTML 2Page - Mimix Broadband CFK2162-P5-000T Datasheet HTML 3Page - Mimix Broadband CFK2162-P5-000T Datasheet HTML 4Page - Mimix Broadband CFK2162-P5-000T Datasheet HTML 5Page - Mimix Broadband

CFK2162-P5-000T Product details

Description
The CFK2162-P5 is a high-gain FET intended for driver amplifier applications in high-power systems, and output stage usage in medium power applications at power levels up to +34 dBm. The device is easily matched and provides excellent linearity at 2 Watts. Manufactured in Celeritek’s proprietary power FET process, this device is assembled in an industry standard surface mount SO-8 power package that is compatible with high volume, automated board assembly techniques.

Features
❏ High Gain
❏ +34 dBm Power Output
❏ Proprietary Power FET Process
❏ >45% Linear Power Added Efficiency
❏ +29 dBm with 30 dBc Third Order Products
❏ Surface Mount SO-8 Power Package

Applications
❏ ISM Band Base Stations and Terminals
❏ PCS/PCN Base Stations and Terminals
❏ Wireless Local Loop




Similar Part No. - CFK2162-P5-000T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFK2162-P5-000T ETC1-CFK2162-P5-000T Datasheet
64Kb / 4P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
More results


Similar Description - CFK2162-P5-000T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFK2162-P5 ETC1-CFK2162-P5 Datasheet
64Kb / 4P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
Mimix Broadband
CFK2062-P5 MIMIX-CFK2062-P5 Datasheet
258Kb / 5P
   2.3 to 2.5 GHz 30 dBm Power GaAs FET
CFH2162-P5 MIMIX-CFH2162-P5 Datasheet
540Kb / 3P
   2.3 to 2.5 GHz 36 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFH2162-P5 ETC-CFH2162-P5 Datasheet
157Kb / 2P
   2.3 TO 2.5 GHZ 36 DBM POWER GAAS FET
CFK2162-P3 ETC1-CFK2162-P3 Datasheet
69Kb / 4P
   1.8 to 2.0 GHz 34 dBm Power GaAs FET
logo
Mimix Broadband
CFK2162-P3 MIMIX-CFK2162-P3 Datasheet
264Kb / 5P
   1.8 to 2.0 GHz 34 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1_07 Datasheet
314Kb / 5P
   0.8-1.0 GHz 34 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1 Datasheet
263Kb / 5P
   800 to 900 MHz 34 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1_06 Datasheet
470Kb / 4P
   800-900 MHz 34 dBm Power GaAs FET
logo
Analog Devices
HMC943APM5E AD-HMC943APM5E Datasheet
437Kb / 18P
   >1.5 W (34 dBm), 24 GHz to 34 GHz, GaAs, pHEMT, MMIC, Power Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com