Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ11CA-AT Datasheet (PDF) - UN Semiconducctor INC

SMCJ11CA-AT Datasheet PDF - UN Semiconducctor INC
Part # SMCJ11CA-AT
Download  SMCJ11CA-AT Download
File Size   2887.66 Kbytes
Page   6 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 1500W Surface Mount Transient Voltage Suppressors

SMCJ11CA-AT Datasheet (PDF)

Go To PDF Page Download Datasheet
SMCJ11CA-AT Datasheet PDF - UN Semiconducctor INC

Part # SMCJ11CA-AT
Download  SMCJ11CA-AT Click to download

File Size   2887.66 Kbytes
Page   6 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 1500W Surface Mount Transient Voltage Suppressors

SMCJ11CA-AT Datasheet (HTML) - UN Semiconducctor INC


SMCJ11CA-AT Product details

Features
Glass passivated or planar junction
Excellent clamping capability
Repetition rate (duty cycle): 0.01%
Low profile package and low inductance
1500W Peak Pulse power capability at 10×1000μs waveform
Fast response time: typically less than 1.0ps from 0V to VBR min
High temperature soldering: 260℃/10s at terminals
Plastic package has Underwriters Laboratory Flammability 94V-0
Halogen free and RoHS compliant
For surface mounted applications in order to optimize board space
High reliability application and automotive grade AECQ101 qualified




Similar Part No. - SMCJ11CA-AT

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SMCJ11CA-AT YAGEO-SMCJ11CA-AT Datasheet
539Kb / 9P
Transient Voltage Suppressors (TVS)
Jun. 30, 2023 V.4
More results


Similar Description - SMCJ11CA-AT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
15KE WTE-15KE Datasheet
65Kb / 5P
1500W TRANSIENT VOLTAGE SUPPRESSORS
15SMCJ WTE-15SMCJ Datasheet
64Kb / 5P
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
1-5KE WTE-1-5KE Datasheet
66Kb / 5P
1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Zibo Seno Electronic En...
1.5KE ZSELEC-1.5KE Datasheet
328Kb / 4P
1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
SMCJ5.0CA HUAXINAN-SMCJ5.0CA_V01 Datasheet
420Kb / 5P
1500W Transient Voltage Suppressors
1.5KE6.8CA HUAXINAN-1.5KE6.8CA_V01 Datasheet
365Kb / 5P
1500W Transient Voltage Suppressors
1.5SMBJ6.8CA HUAXINAN-1.5SMBJ6.8CA Datasheet
426Kb / 4P
1500W Transient Voltage Suppressors
logo
UN Semiconducctor INC
TPSMC UNSEMI-TPSMC Datasheet
2Mb / 6P
12 To 91V 1500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
TPSMCJ UNSEMI-TPSMCJ Datasheet
2Mb / 6P
10 To 78V 1500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
15SMBJ UNSEMI-15SMBJ Datasheet
3Mb / 6P
5.0 To 200V 1500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com