Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD0524P Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

ESD0524P Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # ESD0524P
Download  ESD0524P Download

File Size   849.9 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description High Definition Multi-Media Interface (HDMI)

ESD0524P Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD0524P Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # ESD0524P
Download  ESD0524P Click to download

File Size   849.9 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description High Definition Multi-Media Interface (HDMI)

ESD0524P Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.

ESD0524P Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. ESD0524P Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. ESD0524P Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. ESD0524P Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd.

ESD0524P Product details

FEATURES
UItra Iow capacitance:0.3pF typical(I/O to I/O)
UItra Iow Ieakage:nA level
Low operating voltage:5V
Low clamping voltage
Up to 4 date lines and one power line protects
Complies with following standards
-IEC 61000-4-2(ESD)immunity test
Air discharge:±25kv
Contact discharge:±20kv
-IEC 61000-4-4(EFT)40A(5/50ns)
-IEC 61000-4-5(Lighning):4A(8/20μs)
ROHS Compliant




Similar Part No. - ESD0524P

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
ESD0524P SEMITECH-ESD0524P Datasheet
134Kb / 3P
   Ultra LowCapacitance ESD Protection Array
logo
Shanghai Yint Electroni...
ESD0524P YINT-ESD0524P Datasheet
851Kb / 4P
   Ultra Low Capacitance ESD Protection
logo
TECH PUBLIC Electronics...
ESD0524P TECHPUBLIC-ESD0524P Datasheet
1Mb / 5P
   Low Capactitance 4-Line Uni-directional TVS Diode
logo
Goodwork Semiconductor ...
ESD0524PD4 GWSEMI-ESD0524PD4 Datasheet
168Kb / 2P
   4-Line Uni-directional TVS Diode
logo
Shanghai Semitech Semic...
ESD0524P_V1 SEMITECH-ESD0524P_V1 Datasheet
134Kb / 3P
   Ultra LowCapacitance ESD Protection Array
More results


Similar Description - ESD0524P

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HDMISRA1 ADAM-TECH-HDMISRA1 Datasheet
108Kb / 1P
   HDMI CONNECTOR HIGH DEFINITION MULTI-MEDIA INTERFACE
HDMI-S-RA-1 ADAM-TECH-HDMI-S-RA-1 Datasheet
215Kb / 1P
   HDMI CONNECTOR HIGH DEFINITION MULTI-MEDIA INTERFACE
logo
Level One
HVE-9900 LVL1-HVE-9900 Datasheet
166Kb / 3P
   The High-Definition Multimedia Interface (HDMI)
logo
Molex Electronics Ltd.
47266-0001 MOLEX-47266-0001 Datasheet
119Kb / 2P
   High Definition Multimedia Interface (HDMI) Receptacle
88768-9800 MOLEX-88768-9800 Datasheet
230Kb / 2P
   High Definition Multimedia Interface (HDMI) Connector System
logo
Advantech Co., Ltd.
USM-210 ADVANTECH-USM-210 Datasheet
581Kb / 2P
   4 HDMI Multi-Media Signage Player
11-Sep-2020
logo
AAEON Technology
PICO-IMX6 AAEON-PICO-IMX6 Datasheet
295Kb / 2P
   high definition audio interface
COM-BT AAEON-COM-BT Datasheet
319Kb / 2P
   high definition autio interface
COM-SKUC6 AAEON-COM-SKUC6 Datasheet
243Kb / 1P
   high definition autio interface
ETX-A55E AAEON-ETX-A55E Datasheet
297Kb / 2P
   high definition audio interface
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com