Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM232AARNZ Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

ADM232AARNZ Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # ADM232AARNZ
Download  ADM232AARNZ Download

File Size   960.75 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 5 V-Powered,Multi-Channel RS-232 Drivers/Receivers

ADM232AARNZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM232AARNZ Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # ADM232AARNZ
Download  ADM232AARNZ Click to download

File Size   960.75 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 5 V-Powered,Multi-Channel RS-232 Drivers/Receivers

ADM232AARNZ Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.

ADM232AARNZ Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. ADM232AARNZ Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. ADM232AARNZ Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. ADM232AARNZ Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. ADM232AARNZ Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. ADM232AARNZ Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd.

ADM232AARNZ Product details

● Operate from Single +5 V Power Supply;
● Guaranteed 120 kbps Data Rate;
● Latchup Free;
● ESD Protection ±2kV




Similar Part No. - ADM232AARNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM232AARNZ AD-ADM232AARNZ Datasheet
183Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. B
ADM232AARNZ AD-ADM232AARNZ Datasheet
207Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. C
ADM232AARNZ-REEL AD-ADM232AARNZ-REEL Datasheet
183Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. B
ADM232AARNZ-REEL AD-ADM232AARNZ-REEL Datasheet
207Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. C
ADM232AARNZ-REEL7 AD-ADM232AARNZ-REEL7 Datasheet
183Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. B
More results


Similar Description - ADM232AARNZ

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
ST232 UMW-ST232 Datasheet
959Kb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
SP232E UMW-SP232E Datasheet
961Kb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
MAX232CSE UMW-MAX232CSE Datasheet
1Mb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
MAX232DR UMW-MAX232DR Datasheet
1Mb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
MAX232D UMW-MAX232D Datasheet
1Mb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
MAX232IDR UMW-MAX232IDR Datasheet
929Kb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
MAX232ACSE UMW-MAX232ACSE Datasheet
1Mb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
MAX232ESE UMW-MAX232ESE Datasheet
943Kb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
STMicroelectronics
ST202B STMICROELECTRONICS-ST202B_08 Datasheet
711Kb / 17P
   5 V powered multi-channel RS-232 drivers and receivers
logo
Sipex Corporation
SP230A SIPEX-SP230A Datasheet
661Kb / 17P
   5V Powered Multi-Channel RS-232 Drivers/Receivers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com