Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EH-3535P3FC120-OGHCNA72 Datasheet (PDF) - EHAOAN.

EH-3535P3FC120-OGHCNA72 Datasheet PDF - EHAOAN.
Part # EH-3535P3FC120-OGHCNA72
Download  EH-3535P3FC120-OGHCNA72 Download

File Size   2745.36 Kbytes
Page   6 Pages
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.
Description Excellent transiting heat from LED chip operating under 350mA

EH-3535P3FC120-OGHCNA72 Datasheet (PDF)

Go To PDF Page Download Datasheet
EH-3535P3FC120-OGHCNA72 Datasheet PDF - EHAOAN.

Part # EH-3535P3FC120-OGHCNA72
Download  EH-3535P3FC120-OGHCNA72 Click to download

File Size   2745.36 Kbytes
Page   6 Pages
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.
Description Excellent transiting heat from LED chip operating under 350mA

EH-3535P3FC120-OGHCNA72 Datasheet (HTML) - EHAOAN.

EH-3535P3FC120-OGHCNA72 Datasheet HTML 1Page - EHAOAN. EH-3535P3FC120-OGHCNA72 Datasheet HTML 2Page - EHAOAN. EH-3535P3FC120-OGHCNA72 Datasheet HTML 3Page - EHAOAN. EH-3535P3FC120-OGHCNA72 Datasheet HTML 4Page - EHAOAN. EH-3535P3FC120-OGHCNA72 Datasheet HTML 5Page - EHAOAN. EH-3535P3FC120-OGHCNA72 Datasheet HTML 6Page - EHAOAN.

EH-3535P3FC120-OGHCNA72 Product details

Features
Excellent transiting heat from LED chip operating under 350mA
High luminous output
No UV
Applications
lighting
Display
LCD backlight
Signal lamp
Decorative lamp




Similar Part No. - EH-3535P3FC120-OGHCNA72

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-3535A850-B120 EHAOAN-EH-3535A850-B120 Datasheet
3Mb / 9P
   High radiation intensity
EH-3535A850-B60 EHAOAN-EH-3535A850-B60 Datasheet
3Mb / 9P
   High output power at 850nm
EH-3535A850-C120 EHAOAN-EH-3535A850-C120 Datasheet
3Mb / 9P
   Black EMC package
EH-3535A850-C60 EHAOAN-EH-3535A850-C60 Datasheet
3Mb / 9P
   Black EMC package
EH-3535A850-D120 EHAOAN-EH-3535A850-D120 Datasheet
3Mb / 9P
   High radiation intensity
More results


Similar Description - EH-3535P3FC120-OGHCNA72

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-3W3535RGB120-001J EHAOAN-EH-3W3535RGB120-001J Datasheet
2Mb / 7P
   Excellent transiting heat from LED chip operating under 350mA
EH-3535O3FC120-OGVCND34 EHAOAN-EH-3535O3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent transiting heat from LED chip operating under 350mA
EH-3535Y3FC120-OGVCND34 EHAOAN-EH-3535Y3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent transiting heat from LED chip operating under 350mA
EH-W3A140-005K EHAOAN-EH-W3A140-005K Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-3535G3FC120-OGVCND34 EHAOAN-EH-3535G3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 1000mA
EH-3535W3FC120-OGVEZD34 EHAOAN-EH-3535W3FC120-OGVEZD34 Datasheet
1Mb / 7P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-B3A140-002G EHAOAN-EH-B3A140-002G Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-R3A140-005G EHAOAN-EH-R3A140-005G Datasheet
1Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-3535B3FC120-OGVCND34 EHAOAN-EH-3535B3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 1000mA
EH-G3A140-010G EHAOAN-EH-G3A140-010G Datasheet
1Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com