Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EH-3535A850-D60 Datasheet (PDF) - EHAOAN.

EH-3535A850-D60 Datasheet PDF - EHAOAN.
Part # EH-3535A850-D60
Download  EH-3535A850-D60 Download

File Size   4041.58 Kbytes
Page   9 Pages
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.
Description High output power at 850nm

EH-3535A850-D60 Datasheet (PDF)

Go To PDF Page Download Datasheet
EH-3535A850-D60 Datasheet PDF - EHAOAN.

Part # EH-3535A850-D60
Download  EH-3535A850-D60 Click to download

File Size   4041.58 Kbytes
Page   9 Pages
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.
Description High output power at 850nm

EH-3535A850-D60 Datasheet (HTML) - EHAOAN.

EH-3535A850-D60 Datasheet HTML 1Page - EHAOAN. EH-3535A850-D60 Datasheet HTML 2Page - EHAOAN. EH-3535A850-D60 Datasheet HTML 3Page - EHAOAN. EH-3535A850-D60 Datasheet HTML 4Page - EHAOAN. EH-3535A850-D60 Datasheet HTML 5Page - EHAOAN. EH-3535A850-D60 Datasheet HTML 6Page - EHAOAN. EH-3535A850-D60 Datasheet HTML 7Page - EHAOAN. EH-3535A850-D60 Datasheet HTML 8Page - EHAOAN. EH-3535A850-D60 Datasheet HTML 9Page - EHAOAN.

EH-3535A850-D60 Product details

Feature
·Black EMC package
·High radiation intensity
·Suitable for SMT assembly
·High output power at 850nm
Applications
·Infrared illumination for CCTV
·Infrared date transmission
·Infrared illumination for night




Similar Part No. - EH-3535A850-D60

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-3535A850-D120 EHAOAN-EH-3535A850-D120 Datasheet
3Mb / 9P
   High radiation intensity
More results


Similar Description - EH-3535A850-D60

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-2835S850-2045 EHAOAN-EH-2835S850-2045 Datasheet
3Mb / 9P
   High output power at 850nm
EH-3535A850-B60 EHAOAN-EH-3535A850-B60 Datasheet
3Mb / 9P
   High output power at 850nm
logo
Micropac Industries
62086 MICROPAC-62086 Datasheet
67Kb / 2P
   High output, 850nm
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7332 AVAGO-ACPM-7332 Datasheet
1Mb / 16P
   high efficiency at max output power
ACPM-7372 AVAGO-ACPM-7372 Datasheet
1Mb / 16P
   high efficiency at max output power
logo
Clairex Technologies, I...
CLE390 CLAIREX-CLE390 Datasheet
106Kb / 1P
   850nm IRED with Photodiode Monitored Output
logo
OSRAM GmbH
SFH4551 OSRAM-SFH4551 Datasheet
290Kb / 13P
   High Power Infrared Emitter (850nm) in SMR
logo
ATMEL Corporation
ATA5771 ATMEL-ATA5771_10 Datasheet
3Mb / 219P
   Output Power of 8dBm at 315MHz / 7.5dBm at 433.92 MHz / 5.5dBm at 868.3MHz
logo
OSRAM GmbH
SFH-4551 OSRAM-SFH-4551 Datasheet
439Kb / 13P
   High Power Infrared Emitter (850nm) in SMR짰 Package
logo
AVAGO TECHNOLOGIES LIMI...
ALM-42316 AVAGO-ALM-42316 Datasheet
907Kb / 13P
   Useable at 5V supplies for higher output power
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com