Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EH-C151KSKT Datasheet (PDF) - EHAOAN.

EH-C151KSKT Datasheet PDF - EHAOAN.
Part # EH-C151KSKT
Download  EH-C151KSKT Download

File Size   1393.17 Kbytes
Page   7 Pages
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.
Description Dimension( L/W/H) : 3.2 x 1.6 x 0.8 mm

EH-C151KSKT Datasheet (PDF)

Go To PDF Page Download Datasheet
EH-C151KSKT Datasheet PDF - EHAOAN.

Part # EH-C151KSKT
Download  EH-C151KSKT Click to download

File Size   1393.17 Kbytes
Page   7 Pages
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.
Description Dimension( L/W/H) : 3.2 x 1.6 x 0.8 mm

EH-C151KSKT Datasheet (HTML) - EHAOAN.

EH-C151KSKT Datasheet HTML 1Page - EHAOAN. EH-C151KSKT Datasheet HTML 2Page - EHAOAN. EH-C151KSKT Datasheet HTML 3Page - EHAOAN. EH-C151KSKT Datasheet HTML 4Page - EHAOAN. EH-C151KSKT Datasheet HTML 5Page - EHAOAN. EH-C151KSKT Datasheet HTML 6Page - EHAOAN. EH-C151KSKT Datasheet HTML 7Page - EHAOAN.

EH-C151KSKT Product details

Features
·Dimension( L/W/H) : 3.2 x 1.6 x 0.8 mm
·Material: AlGaInp
·Emitting Color: Yellow
·Resin Color: Water
·EIA STD Package
·High Luminous Intensity ,Low Power Dissipation,good Reliability and Long Life
·Complied With ROHS Directive

Applications
·Backlighting in dashboard and switch.
·Telecommunication: indicator and backlighting in telephone and fax.
·Flat backlight for LCD, switch and symbol.
·General use.




Similar Part No. - EH-C151KSKT

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-C151KFKT EHAOAN-EH-C151KFKT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 3.2 x 1.6 x 0.8 mm
EH-C151KGKT EHAOAN-EH-C151KGKT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 3.2 x 1.6 x 0.8 mm
EH-C151KRKT EHAOAN-EH-C151KRKT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 3.2 x 1.6 x 0.8 mm
More results


Similar Description - EH-C151KSKT

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-C151KRKT EHAOAN-EH-C151KRKT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 3.2 x 1.6 x 0.8 mm
EH-C151KGKT EHAOAN-EH-C151KGKT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 3.2 x 1.6 x 0.8 mm
EH-C151KFKT EHAOAN-EH-C151KFKT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 3.2 x 1.6 x 0.8 mm
EH-C151UBKT EHAOAN-EH-C151UBKT Datasheet
1Mb / 8P
   Dimension( L/W/H) : 3.2 x 1.6 x 0.8 mm
EH-C151TBKT-5A EHAOAN-EH-C151TBKT-5A Datasheet
1Mb / 7P
   Dimension( L/W/H) : 3.2 x 1.6 x 0.8 mm
EH-C151TGKT-5A EHAOAN-EH-C151TGKT-5A Datasheet
1Mb / 7P
   Dimension( L/W/H) : 3.2 x 1.6 x 0.8 mm
EH-C191TGKT-5A EHAOAN-EH-C191TGKT-5A Datasheet
1Mb / 7P
   Dimension( L/W/H) : 1.6 x 0.8 x 0.58 mm
EH-C191KFKT EHAOAN-EH-C191KFKT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-C191KGKT EHAOAN-EH-C191KGKT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-C191KSKT EHAOAN-EH-C191KSKT Datasheet
1Mb / 7P
   ·Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com