Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2591HV Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

LM2591HV Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # LM2591HV
Download  LM2591HV Download
File Size   1634.94 Kbytes
Page   14 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 1A Step-Down Voltage Regulator

LM2591HV Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2591HV Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM2591HV
Download  LM2591HV Click to download

File Size   1634.94 Kbytes
Page   14 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 1A Step-Down Voltage Regulator

LM2591HV Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


LM2591HV Product details

The LM2591HV series operates at a switching frequency
of150 kHz thus allowing smaller sized filter com-pontents
than what would be needed with lower frequency switching
regulators. Available in a standard 5-lead TO-220 package
with several different lead bend options, and a 5-lesd
TO-263 surface mount package.
The LM2591HV series of regulators are monolithicintegrated
circuits that provide all the active functions for a step-down
(buck) switching regulator, capable of driving a 1A load with
excellent line and load regulation. These devices are
available in fixed output voltages of 3.3V, 5V, 12V, and an
adjustable output version.
General Description
Requiring a minimum number of external components, these
regulators are simple to use and include internal frequency
compensation†, and a fixed-frequency oscillator.
A standard series of inductors are available from several
different manufacturers optimized for use with the LM2591
series. This feature greatly simplifies the design of
switch-mode power supplies.
Other features include a guaranteed ±4% tolerance on output
voltage under specified input voltage and output load
conditions, and ±15% on the oscillator frequency. External
shutdown is included, featuring typically 80 μA standby current.
Self protection features include a two stage frequency
reducing current limit for the output switch and an over
temperature shutdown for complete protection under fault
conditions.

Available in TO-220 and TO-263 packages
(57V for HV version)
Features
n 3.3V, 5V, 12V, and adjustable output versions
n Adjustable version output voltage range, 1.2V to 57V
±4% max over line and load conditions
n
n Guaranteed 1A output load current
n Input voltage range up to 60V
n Requires only 4 external components
n Excellent line and load regulation specifications
n 150 kHz fixed frequency internal oscillator
n TTL shutdown capability
n Low power standby mode, IQ typically 80 μA
n High efficiency
n Uses readily available standard inductors
n Thermal shutdown and current limit protection
Applications
n Simple high-efficiency step-down (buck) regulator
n On-card switching regulators
n Positive to negative converter




Similar Part No. - LM2591HV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2591HV TI-LM2591HV Datasheet
3Mb / 29P
LM2591HV SIMPLE SWITCHER Power onverter 150 kHz 1A Step-Down Voltage
LM2591HV TI1-LM2591HV Datasheet
3Mb / 31P
SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2591HVS-3.3 NSC-LM2591HVS-3.3 Datasheet
730Kb / 20P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2591HVS-3.3 TI-LM2591HVS-3.3 Datasheet
3Mb / 29P
LM2591HV SIMPLE SWITCHER Power onverter 150 kHz 1A Step-Down Voltage
More results


Similar Description - LM2591HV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
High Voltage 1A Step Down Switching Regulator
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
National Semiconductor ...
MNLM1575-12-X NSC-MNLM1575-12-X Datasheet
252Kb / 14P
SIMPLE SWITCHER 1A STEP-DOWN VOLTAGE REGULATOR
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
LM2575EP NSC-LM2575EP Datasheet
1Mb / 26P
SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575T-5.0 TI1-LM2575T-5.0 Datasheet
5Mb / 44P
SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
LM2575T-5 TI1-LM2575T-5 Datasheet
756Kb / 30P
SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575EP TI1-LM2575EP Datasheet
2Mb / 28P
SIMPLE SWITCHER 1A Step-Down Voltage Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com