Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-1575PQM Datasheet (PDF) - Holt Integrated Circuits

HI-1575PQM Datasheet PDF - Holt Integrated Circuits
Part # HI-1575PQM
Download  HI-1575PQM Download

File Size   117.73 Kbytes
Page   12 Pages
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits
Description 3.3V Dual Transceivers with Integrated Encoder / Decoders

HI-1575PQM Datasheet (PDF)

Go To PDF Page Download Datasheet
HI-1575PQM Datasheet PDF - Holt Integrated Circuits

Part # HI-1575PQM
Download  HI-1575PQM Click to download

File Size   117.73 Kbytes
Page   12 Pages
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits
Description 3.3V Dual Transceivers with Integrated Encoder / Decoders

HI-1575PQM Datasheet (HTML) - Holt Integrated Circuits

Back Button HI-1575PQM Datasheet HTML 1Page - Holt Integrated Circuits HI-1575PQM Datasheet HTML 2Page - Holt Integrated Circuits HI-1575PQM Datasheet HTML 3Page - Holt Integrated Circuits HI-1575PQM Datasheet HTML 4Page - Holt Integrated Circuits HI-1575PQM Datasheet HTML 5Page - Holt Integrated Circuits HI-1575PQM Datasheet HTML 6Page - Holt Integrated Circuits HI-1575PQM Datasheet HTML 7Page - Holt Integrated Circuits HI-1575PQM Datasheet HTML 8Page - Holt Integrated Circuits HI-1575PQM Datasheet HTML 9Page - Holt Integrated Circuits HI-1575PQM Datasheet HTML 10Page - Holt Integrated Circuits Next Button 

HI-1575PQM Product details

DESCRIPTION

The HI-1575 is a low power CMOS dual transceiver with on-chip Manchester II Encoder and dual Decoder designed to meet the requirements of the MIL-STD-1553 specification. The part acts as a "Smart Transceiver", allowing users to transmit and receive properly encoded MIL-STD-1553 Command and Data words between a 16-bit host processor and dual MIL-STD-1553 data buses.

A single write cycle is used to transfer a word to the HI-1575, which encodes the data, adds the selected Sync and Parity bits, and transmits the word on the chosen MIL-STD-1553 data bus. Complete MIL-STD-1553 messages may be transmitted by executing multiple write cycles to the device.



FEATURES

• Compliant to MIL-STD-1553A & B

• 3.3V single supply operation

• On-chip Encoder and Dual Decoder

• Small footprint available in 32-pin plastic TQFP package

• Less than 0.5W maximum power dissipation

• 6 mm x 6 mm 40-pin plastic chip-scale package option

• Military processing options



 




Similar Part No. - HI-1575PQM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1575 HOLTIC-HI-1575_11 Datasheet
107Kb / 13P
   MIL-STD-1553 3.3V Dual Transceivers with Integrated Encoder / Decoders
More results


Similar Description - HI-1575PQM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1575 HOLTIC-HI-1575_11 Datasheet
107Kb / 13P
   MIL-STD-1553 3.3V Dual Transceivers with Integrated Encoder / Decoders
logo
Zilog, Inc.
Z87010 ZILOG-Z87010 Datasheet
89Kb / 22P
   Audio Encoder/Decoders
logo
Holt Integrated Circuit...
HI-1579 HOLTIC-HI-1579_16 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579A HOLTIC-HI-1579A Datasheet
69Kb / 9P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573_15 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579PCI HOLTIC-HI-1579PCI Datasheet
87Kb / 10P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573 Datasheet
164Kb / 9P
   3.3V Monolithic Dual Transceivers
logo
Analog Devices
AD71028 AD-AD71028 Datasheet
427Kb / 20P
   Dual Digital BTSC Encoder with Integrated DAC
REV. 0
logo
Linear Technology
LTC2855 LINER-LTC2855_15 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2854 LINER-LTC2854 Datasheet
234Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
More results




About Holt Integrated Circuits


Holt Integrated Circuits is a semiconductor company that designs and manufactures integrated circuits (ICs) for the avionics and military markets. The company specializes in data bus communication ICs and offers a wide range of products for the ARINC 429, MIL-STD-1553, ARINC 825 (CAN), ARINC 717, and other data bus protocols.

Holt's products are used in a variety of avionics and military applications, including flight management systems, engine control systems, and communication equipment. They are known for their rugged and reliable products that are designed to operate in harsh environments.

The company was founded in 1983 and is headquartered in Mission Viejo, California, USA. Holt has a strong commitment to research and development, and is dedicated to providing high-quality and reliable products to their customers. In addition to their standard products, Holt also provides customized solutions to meet specific customer requirements.

Overall, Holt Integrated Circuits is a trusted and reputable supplier of data bus communication ICs for the avionics and military markets, with a strong reputation for quality and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com