Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12-___FSN_ZN_Z-_ Datasheet (PDF) - Huber+Suhner, Inc.

12-___FSN_ZN_Z-_ Datasheet PDF - Huber+Suhner, Inc.
Part # 12-___FSN_ZN_Z-__80
Download  12-___FSN_ZN_Z-_ Download

File Size   219.88 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Mobile Field 12x0.9mm Tight Tube Ø 8.0mm TPU

12-___FSN_ZN_Z-_ Datasheet (PDF)

Go To PDF Page Download Datasheet
12-___FSN_ZN_Z-_ Datasheet PDF - Huber+Suhner, Inc.

Part # 12-___FSN_ZN_Z-__80
Download  12-___FSN_ZN_Z-_ Click to download

File Size   219.88 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Mobile Field 12x0.9mm Tight Tube Ø 8.0mm TPU

12-___FSN_ZN_Z-_ Datasheet (HTML) - Huber+Suhner, Inc.

12-___FSN_ZN_Z-__80 Datasheet HTML 1Page - Huber+Suhner, Inc. 12-___FSN_ZN_Z-__80 Datasheet HTML 2Page - Huber+Suhner, Inc.

12-___FSN_ZN_Z-_ Product details

Properties
• Metal free cable
• Excellent coiling
capability
• Easy stripping
• UV-protected, suitable for
outdoor use
• High flexibility
• Halogen free and noncorrosive fire gases
• Improved crush
resistance
• Large temperature range




Similar Part No. - 12-___FSN_ZN_Z-__80

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
12-___FSN_ZN_H-__ HUBERSUHNER-12-___FSN_ZN_H-___70 Datasheet
249Kb / 2P
   Riser 12x0.9mm Tight Tube LSFH Ø 7.0mm Dca
12-___FSN_ZN_H-___70D HUBERSUHNER-12-___FSN_ZN_H-___70D Datasheet
249Kb / 2P
   Riser 12x0.9mm Tight Tube LSFH Ø 7.0mm Dca
12-___FSN_ZN_YR-___130 HUBERSUHNER-12-___FSN_ZN_YR-___130 Datasheet
211Kb / 2P
   Drag Chain 12x0.9mm Tight Tube Ø 13.0mm RADOX
12-___FSN_ZN_YU-___130 HUBERSUHNER-12-___FSN_ZN_YU-___130 Datasheet
211Kb / 2P
   Drag Chain 12x0.9mm Tight Tube Ø 13.0mm TPU-FR
12-___FSN_ZN_YZ-___130 HUBERSUHNER-12-___FSN_ZN_YZ-___130 Datasheet
210Kb / 2P
   Drag Chain 12x0.9mm Tight Tube Ø 13.0mm TPU
More results


Similar Description - 12-___FSN_ZN_Z-__80

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
04-___FSN_ZN_Z-__ HUBERSUHNER-04-___FSN_ZN_Z-___56 Datasheet
176Kb / 2P
   Mobile Field 4x0.9mm Tight Tube Ø 5.6mm TPU
08-___FSN_ZN_Z-__ HUBERSUHNER-08-___FSN_ZN_Z-___68 Datasheet
195Kb / 2P
   Mobile Field 8x0.9mm Tight Tube Ø 6.8mm TPU
S_02-___FSN_ZN_Z-__ HUBERSUHNER-S_02-___FSN_ZN_Z-___56 Datasheet
164Kb / 2P
   Mobile Field 2x0.9mm Tight Tube Ø 5.6mm TPU
04-___FSN_ZN_Z-__ HUBERSUHNER-04-___FSN_ZN_Z-___55 Datasheet
178Kb / 3P
   Mobile Field 4x0.9mm Tight Tube Ø 5.5mm TPU
S_02-___FSN_ZN_Z-__ HUBERSUHNER-S_02-___FSN_ZN_Z-___55 Datasheet
165Kb / 3P
   Mobile Field 2x0.9mm Tight Tube Ø 5.5mm TPU
12-___FSN_ZN_YZ-___130 HUBERSUHNER-12-___FSN_ZN_YZ-___130 Datasheet
210Kb / 2P
   Drag Chain 12x0.9mm Tight Tube Ø 13.0mm TPU
S_04-___FSN_ZN_U-__ HUBERSUHNER-S_04-___FSN_ZN_U-___56 Datasheet
179Kb / 3P
   Mobile Field 4x0.9mm Tight Tube Ø 5.6mm TPU-FR
12-___FSN_ZN_YU-___130 HUBERSUHNER-12-___FSN_ZN_YU-___130 Datasheet
211Kb / 2P
   Drag Chain 12x0.9mm Tight Tube Ø 13.0mm TPU-FR
12-___FSN_ZN_YR-___130 HUBERSUHNER-12-___FSN_ZN_YR-___130 Datasheet
211Kb / 2P
   Drag Chain 12x0.9mm Tight Tube Ø 13.0mm RADOX
12-___FSN_ZN_H-___70D HUBERSUHNER-12-___FSN_ZN_H-___70D Datasheet
249Kb / 2P
   Riser 12x0.9mm Tight Tube LSFH Ø 7.0mm Dca
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com