Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12-___FSN_ZN_H-___70D Datasheet (PDF) - Huber+Suhner, Inc.

12-___FSN_ZN_H-___70D Datasheet PDF - Huber+Suhner, Inc.
Part # 12-___FSN_ZN_H-___70D
Download  12-___FSN_ZN_H-___70D Download

File Size   249.65 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Riser 12x0.9mm Tight Tube LSFH Ø 7.0mm Dca

12-___FSN_ZN_H-___70D Datasheet (PDF)

Go To PDF Page Download Datasheet
12-___FSN_ZN_H-___70D Datasheet PDF - Huber+Suhner, Inc.

Part # 12-___FSN_ZN_H-___70D
Download  12-___FSN_ZN_H-___70D Click to download

File Size   249.65 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Riser 12x0.9mm Tight Tube LSFH Ø 7.0mm Dca

12-___FSN_ZN_H-___70D Datasheet (HTML) - Huber+Suhner, Inc.

12-___FSN_ZN_H-___70D Datasheet HTML 1Page - Huber+Suhner, Inc. 12-___FSN_ZN_H-___70D Datasheet HTML 2Page - Huber+Suhner, Inc.

12-___FSN_ZN_H-___70D Product details

Properties
• Metal free indoor and
outdoor cable
• Strain relieved with
aramide yarn
• Ripcord for easy jacked
removal
• For high mechanical and
thermal stability
• Low smoke, halogen free
and self-extinguishing




Similar Part No. - 12-___FSN_ZN_H-___70D

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
12-___FSN_ZN_H-__ HUBERSUHNER-12-___FSN_ZN_H-___70 Datasheet
249Kb / 2P
   Riser 12x0.9mm Tight Tube LSFH Ø 7.0mm Dca
More results


Similar Description - 12-___FSN_ZN_H-___70D

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
12-___FSN_ZN_H-__ HUBERSUHNER-12-___FSN_ZN_H-___70 Datasheet
249Kb / 2P
   Riser 12x0.9mm Tight Tube LSFH Ø 7.0mm Dca
S_02-__F_ZNG_H-__ HUBERSUHNER-S_02-__F_ZNG_H-___70 Datasheet
316Kb / 2P
   Riser 2x0.9mm Tight Tube Glass-Armoured LSFH Ø 7.0mm Dca
S_02-__F_ZNG_H-___70_EN HUBERSUHNER-S_02-__F_ZNG_H-___70_EN Datasheet
287Kb / 2P
   Riser 2x0.9mm Tight Tube Glass-Armoured LSFH Ø 7.0mm
S_02-___FSN_ZN_H-__ HUBERSUHNER-S_02-___FSN_ZN_H-___60 Datasheet
192Kb / 2P
   Riser 2x0.9mm Tight Tube LSFH Ø 6.0mm Dca
S_02-__F_ZNG_H-__ HUBERSUHNER-S_02-__F_ZNG_H-___55 Datasheet
317Kb / 2P
   Riser 2x0.9mm Tight Tube Glass-Armoured LSFH Ø 5.5mm Dca
S_02-___F_ZNG_H-__ HUBERSUHNER-S_02-___F_ZNG_H-___48 Datasheet
316Kb / 2P
   Riser 2x0.9mm Tight Tube Glass-Armoured LSFH Ø 4.8mm Dca
06-___FSN_ZN_H-__ HUBERSUHNER-06-___FSN_ZN_H-___55 Datasheet
185Kb / 2P
   Riser 6x0.9mm Tight Tube LSFH Ø 6.0mm
S_04-___FSN_ZN_H-___50_EN HUBERSUHNER-S_04-___FSN_ZN_H-___50_EN Datasheet
176Kb / 2P
   Riser 4x0.9mm Tight Tube LSFH Ø 5.0mm
24-___FSN_ZN_H-__ HUBERSUHNER-24-___FSN_ZN_H-___88 Datasheet
239Kb / 2P
   Riser 24x0.9mm Tight Tube LSFH Ø 8.8mm
16-___FSN_ZN_H-__ HUBERSUHNER-16-___FSN_ZN_H-___85 Datasheet
250Kb / 2P
   Riser 16x0.9mm Tight Tube LSFH Ø 8.5mm
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com