Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S_02-__F_ZNG_H-___70_EN Datasheet (PDF) - Huber+Suhner, Inc.

S_02-__F_ZNG_H-___70_EN Datasheet PDF - Huber+Suhner, Inc.
Part # S_02-__F_ZNG_H-___70_EN
Download  S_02-__F_ZNG_H-___70_EN Download
File Size   287.91 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Riser 2x0.9mm Tight Tube Glass-Armoured LSFH Ø 7.0mm

S_02-__F_ZNG_H-___70_EN Datasheet (PDF)

Go To PDF Page Download Datasheet
S_02-__F_ZNG_H-___70_EN Datasheet PDF - Huber+Suhner, Inc.

Part # S_02-__F_ZNG_H-___70_EN
Download  S_02-__F_ZNG_H-___70_EN Click to download

File Size   287.91 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Riser 2x0.9mm Tight Tube Glass-Armoured LSFH Ø 7.0mm

S_02-__F_ZNG_H-___70_EN Datasheet (HTML) - Huber+Suhner, Inc.


S_02-__F_ZNG_H-___70_EN Product details

Properties
• Metal free indoor and
outdoor cable
• Rodent-protected, glassarmoured
• Low smoke, halogen free
and self-extinguishing




Similar Part No. - S_02-__F_ZNG_H-___70_EN

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
S_02-__F_ZNG_H-__ HUBERSUHNER-S_02-__F_ZNG_H-___70 Datasheet
316Kb / 2P
Riser 2x0.9mm Tight Tube Glass-Armoured LSFH Ø 7.0mm Dca
More results


Similar Description - S_02-__F_ZNG_H-___70_EN

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
24-___Q_ZNG_H-__ HUBERSUHNER-24-___Q_ZNG_H-___70 Datasheet
355Kb / 2P
Dry Loose Tube Glass-Armoured 1x2.8mm LSFH Ø 7.0mm
S_02-__F_ZNG_H-__ HUBERSUHNER-S_02-__F_ZNG_H-___55 Datasheet
317Kb / 2P
Riser 2x0.9mm Tight Tube Glass-Armoured LSFH Ø 5.5mm Dca
S_02-__F_ZNG_H-___55_EN HUBERSUHNER-S_02-__F_ZNG_H-___55_EN Datasheet
289Kb / 2P
Riser 2x0.9mm Tight Tube Glass-Armoured LSFH Ø 5.5mm
S_02-__F_ZNG_H-__ HUBERSUHNER-S_02-__F_ZNG_H-___70 Datasheet
316Kb / 2P
Riser 2x0.9mm Tight Tube Glass-Armoured LSFH Ø 7.0mm Dca
S_02-___FSN_ZN_H-__ HUBERSUHNER-S_02-___FSN_ZN_H-___60 Datasheet
192Kb / 2P
Riser 2x0.9mm Tight Tube LSFH Ø 6.0mm Dca
S_02-___F_ZNG_H-__ HUBERSUHNER-S_02-___F_ZNG_H-___48 Datasheet
316Kb / 2P
Riser 2x0.9mm Tight Tube Glass-Armoured LSFH Ø 4.8mm Dca
S_02-___F_ZNG_H-___48_EN HUBERSUHNER-S_02-___F_ZNG_H-___48_EN Datasheet
288Kb / 2P
Riser 2x0.9mm Tight Tube Glass-Armoured LSFH Ø 4.8mm
04-___FSN_ZNG_H-__ HUBERSUHNER-04-___FSN_ZNG_H-___55 Datasheet
163Kb / 3P
Riser 4x0.9mm Tight Tube Glass-Armoured LSFH Ø 5.5mm
12-___FSN_ZN_H-__ HUBERSUHNER-12-___FSN_ZN_H-___70 Datasheet
249Kb / 2P
Riser 12x0.9mm Tight Tube LSFH Ø 7.0mm Dca
12-___FSN_ZN_H-___70D HUBERSUHNER-12-___FSN_ZN_H-___70D Datasheet
249Kb / 2P
Riser 12x0.9mm Tight Tube LSFH Ø 7.0mm Dca
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com