Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S_01-___VH-__ Datasheet (PDF) - Huber+Suhner, Inc.

S_01-___VH-__ Datasheet PDF - Huber+Suhner, Inc.
Part # S_01-___VH-___20
Download  S_01-___VH-__ Download
File Size   169.97 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Simplex 0.6mm Tight Tube LSFH Ø 2.0mm

S_01-___VH-__ Datasheet (PDF)

Go To PDF Page Download Datasheet
S_01-___VH-__ Datasheet PDF - Huber+Suhner, Inc.

Part # S_01-___VH-___20
Download  S_01-___VH-__ Click to download

File Size   169.97 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Simplex 0.6mm Tight Tube LSFH Ø 2.0mm

S_01-___VH-__ Datasheet (HTML) - Huber+Suhner, Inc.


S_01-___VH-__ Product details

Properties
• Metal free cable
• High flexibility and form
stability
• UV-protected, suitable for
outdoor use
• For high mechanical and
thermal stability
• Low fire load for high
safety requirements




Similar Part No. - S_01-___VH-___20

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
S_01-___VJH-__ HUBERSUHNER-S_01-___VJH-___14 Datasheet
193Kb / 2P
Simplex 0.6mm Tight Tube LSFH Ø 1.4mm
More results


Similar Description - S_01-___VH-___20

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
S_01-E9A3FJH-__ HUBERSUHNER-S_01-E9A3FJH-___27 Datasheet
163Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 2.7mm
S_01-E9A___FJH-__ HUBERSUHNER-S_01-E9A___FJH-___27 Datasheet
193Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 2.7mm Eca
S_01-H200FJH-__ HUBERSUHNER-S_01-H200FJH-___27 Datasheet
163Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 2.7mm
S_01-___CHJH-__ HUBERSUHNER-S_01-___CHJH-___20 Datasheet
165Kb / 2P
Simplex Semi Tight Tube LSFH Ø 2.0mm
S_01-___CWJH-__ HUBERSUHNER-S_01-___CWJH-___17 Datasheet
193Kb / 2P
Simplex Semi Tight Tube LSFH Ø 1.7mm Dca
S_01-___FH-__ HUBERSUHNER-S_01-___FH-___20 Datasheet
165Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 2.0mm
S_01-___FJH-__ HUBERSUHNER-S_01-___FJH-___17 Datasheet
166Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 1.7mm
S_01-___FJH-__ HUBERSUHNER-S_01-___FJH-___20 Datasheet
195Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 2.0mm Dca
S_01-___VJH-__ HUBERSUHNER-S_01-___VJH-___14 Datasheet
193Kb / 2P
Simplex 0.6mm Tight Tube LSFH Ø 1.4mm
12-____ZN_H-__ HUBERSUHNER-12-____ZN_H-___20 Datasheet
220Kb / 2P
Optipack Simplex Fiber LSFH Ø 2.0mm Dca
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com