Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S_01-___FJZ-__ Datasheet (PDF) - Huber+Suhner, Inc.

S_01-___FJZ-__ Datasheet PDF - Huber+Suhner, Inc.
Part # S_01-___FJZ-___19
Download  S_01-___FJZ-__ Download

File Size   166.12 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Simplex 0.9mm Tight Tube TPU Ø 1.9mm

S_01-___FJZ-__ Datasheet (PDF)

Go To PDF Page Download Datasheet
S_01-___FJZ-__ Datasheet PDF - Huber+Suhner, Inc.

Part # S_01-___FJZ-___19
Download  S_01-___FJZ-__ Click to download

File Size   166.12 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Simplex 0.9mm Tight Tube TPU Ø 1.9mm

S_01-___FJZ-__ Datasheet (HTML) - Huber+Suhner, Inc.

S_01-___FJZ-___19 Datasheet HTML 1Page - Huber+Suhner, Inc. S_01-___FJZ-___19 Datasheet HTML 2Page - Huber+Suhner, Inc.

S_01-___FJZ-__ Product details

Properties
• Metal free indoor and
outdoor cable
• Each fiber strain relieved
• Tube can be stripped up
to 30mm in one piece
• Tight bending radii
• For high mechanical and
thermal stability
• Halogen free and noncorrosive fire gases




Similar Part No. - S_01-___FJZ-___19

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
S_01-___FJH-__ HUBERSUHNER-S_01-___FJH-___17 Datasheet
166Kb / 2P
   Simplex 0.9mm Tight Tube LSFH Ø 1.7mm
S_01-___FJH-__ HUBERSUHNER-S_01-___FJH-___20 Datasheet
195Kb / 2P
   Simplex 0.9mm Tight Tube LSFH Ø 2.0mm Dca
S_01-___FJU-_ HUBERSUHNER-S_01-___FJU-__27 Datasheet
166Kb / 2P
   Simplex 0.9mm Tight Tube TPU-FR Ø 2.7mm
More results


Similar Description - S_01-___FJZ-___19

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
S_01-___FJU-_ HUBERSUHNER-S_01-___FJU-__27 Datasheet
166Kb / 2P
   Simplex 0.9mm Tight Tube TPU-FR Ø 2.7mm
S_01-H200FJH-__ HUBERSUHNER-S_01-H200FJH-___27 Datasheet
163Kb / 2P
   Simplex 0.9mm Tight Tube LSFH Ø 2.7mm
S_01-___FJH-__ HUBERSUHNER-S_01-___FJH-___17 Datasheet
166Kb / 2P
   Simplex 0.9mm Tight Tube LSFH Ø 1.7mm
S_01-E9A3FJH-__ HUBERSUHNER-S_01-E9A3FJH-___27 Datasheet
163Kb / 2P
   Simplex 0.9mm Tight Tube LSFH Ø 2.7mm
S_01-___FH-__ HUBERSUHNER-S_01-___FH-___20 Datasheet
165Kb / 2P
   Simplex 0.9mm Tight Tube LSFH Ø 2.0mm
S_01-E9A___FJH-__ HUBERSUHNER-S_01-E9A___FJH-___27 Datasheet
193Kb / 2P
   Simplex 0.9mm Tight Tube LSFH Ø 2.7mm Eca
S_01-___FJH-__ HUBERSUHNER-S_01-___FJH-___20 Datasheet
195Kb / 2P
   Simplex 0.9mm Tight Tube LSFH Ø 2.0mm Dca
S_01-G50CH-___9OM2 HUBERSUHNER-S_01-G50CH-___9OM2 Datasheet
137Kb / 2P
   Semi Tight Tube Ø 0.9mm OM2
S_01-G62CH-__ HUBERSUHNER-S_01-G62CH-___9 Datasheet
136Kb / 2P
   Semi Tight Tube Ø 0.9mm OM1
S_01-G50CH-___9OM3 HUBERSUHNER-S_01-G50CH-___9OM3 Datasheet
137Kb / 2P
   Semi Tight Tube Ø 0.9mm OM3
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com