Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S_01-G50CH-___9OM5 Datasheet (PDF) - Huber+Suhner, Inc.

S_01-G50CH-___9OM5 Datasheet PDF - Huber+Suhner, Inc.
Part # S_01-G50CH-___9OM5
Download  S_01-G50CH-___9OM5 Download
File Size   136.97 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Semi Tight Tube Ø 0.9mm OM5

S_01-G50CH-___9OM5 Datasheet (PDF)

Go To PDF Page Download Datasheet
S_01-G50CH-___9OM5 Datasheet PDF - Huber+Suhner, Inc.

Part # S_01-G50CH-___9OM5
Download  S_01-G50CH-___9OM5 Click to download

File Size   136.97 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Semi Tight Tube Ø 0.9mm OM5

S_01-G50CH-___9OM5 Datasheet (HTML) - Huber+Suhner, Inc.


S_01-G50CH-___9OM5 Product details

Properties
• Metal free indoor cable
• Tube can be stripped up
to 2m in one piece
• Tight bending radii
• High flexibility
• Halogen free and noncorrosive fire gases




Similar Part No. - S_01-G50CH-___9OM5

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
S_01-G50CH-___9OM2 HUBERSUHNER-S_01-G50CH-___9OM2 Datasheet
137Kb / 2P
Semi Tight Tube Ø 0.9mm OM2
S_01-G50CH-___9OM3 HUBERSUHNER-S_01-G50CH-___9OM3 Datasheet
137Kb / 2P
Semi Tight Tube Ø 0.9mm OM3
S_01-G50CH-___9OM4 HUBERSUHNER-S_01-G50CH-___9OM4 Datasheet
137Kb / 2P
Semi Tight Tube Ø 0.9mm OM4
More results


Similar Description - S_01-G50CH-___9OM5

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
S_01-E9A2CH-__ HUBERSUHNER-S_01-E9A2CH-___9 Datasheet
135Kb / 2P
Semi Tight Tube Ø 0.9mm G.657.A2
S_01-E9A3FJH-__ HUBERSUHNER-S_01-E9A3FJH-___27 Datasheet
163Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 2.7mm
S_01-E9CH-__ HUBERSUHNER-S_01-E9CH-___9 Datasheet
130Kb / 2P
Semi Tight Tube Ø 0.9mm G.652.D/G.657.A1
S_01-G50CH-___9OM2 HUBERSUHNER-S_01-G50CH-___9OM2 Datasheet
137Kb / 2P
Semi Tight Tube Ø 0.9mm OM2
S_01-G50CH-___9OM3 HUBERSUHNER-S_01-G50CH-___9OM3 Datasheet
137Kb / 2P
Semi Tight Tube Ø 0.9mm OM3
S_01-G50CH-___9OM4 HUBERSUHNER-S_01-G50CH-___9OM4 Datasheet
137Kb / 2P
Semi Tight Tube Ø 0.9mm OM4
S_01-G62CH-__ HUBERSUHNER-S_01-G62CH-___9 Datasheet
136Kb / 2P
Semi Tight Tube Ø 0.9mm OM1
S_01-H200FJH-__ HUBERSUHNER-S_01-H200FJH-___27 Datasheet
163Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 2.7mm
S_01-___FH-__ HUBERSUHNER-S_01-___FH-___20 Datasheet
165Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 2.0mm
S_01-___FJH-__ HUBERSUHNER-S_01-___FJH-___17 Datasheet
166Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 1.7mm
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com