Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12-___FSN_ZN_YU-___130 Datasheet (PDF) - Huber+Suhner, Inc.

12-___FSN_ZN_YU-___130 Datasheet PDF - Huber+Suhner, Inc.
Part # 12-___FSN_ZN_YU-___130
Download  12-___FSN_ZN_YU-___130 Download

File Size   211.01 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Drag Chain 12x0.9mm Tight Tube Ø 13.0mm TPU-FR

12-___FSN_ZN_YU-___130 Datasheet (PDF)

Go To PDF Page Download Datasheet
12-___FSN_ZN_YU-___130 Datasheet PDF - Huber+Suhner, Inc.

Part # 12-___FSN_ZN_YU-___130
Download  12-___FSN_ZN_YU-___130 Click to download

File Size   211.01 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Drag Chain 12x0.9mm Tight Tube Ø 13.0mm TPU-FR

12-___FSN_ZN_YU-___130 Datasheet (HTML) - Huber+Suhner, Inc.

12-___FSN_ZN_YU-___130 Datasheet HTML 1Page - Huber+Suhner, Inc. 12-___FSN_ZN_YU-___130 Datasheet HTML 2Page - Huber+Suhner, Inc.

12-___FSN_ZN_YU-___130 Product details

Properties
• Metal free indoor and
outdoor cable
• Strain relieved with
aramide yarn
• High chemical resistance
against acids/alkalies
• For high mechanical and
thermal stability
• Halogen free and noncorrosive fire gases
• Flame and fire retardant
cable
• Improved crush
resistance




Similar Part No. - 12-___FSN_ZN_YU-___130

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
12-___FSN_ZN_YR-___130 HUBERSUHNER-12-___FSN_ZN_YR-___130 Datasheet
211Kb / 2P
   Drag Chain 12x0.9mm Tight Tube Ø 13.0mm RADOX
12-___FSN_ZN_YZ-___130 HUBERSUHNER-12-___FSN_ZN_YZ-___130 Datasheet
210Kb / 2P
   Drag Chain 12x0.9mm Tight Tube Ø 13.0mm TPU
More results


Similar Description - 12-___FSN_ZN_YU-___130

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
12-___FSN_ZN_YZ-___130 HUBERSUHNER-12-___FSN_ZN_YZ-___130 Datasheet
210Kb / 2P
   Drag Chain 12x0.9mm Tight Tube Ø 13.0mm TPU
12-___FSN_ZN_YR-___130 HUBERSUHNER-12-___FSN_ZN_YR-___130 Datasheet
211Kb / 2P
   Drag Chain 12x0.9mm Tight Tube Ø 13.0mm RADOX
12-___FSN_ZN_Z-_ HUBERSUHNER-12-___FSN_ZN_Z-__80 Datasheet
219Kb / 2P
   Mobile Field 12x0.9mm Tight Tube Ø 8.0mm TPU
S_01-___FJU-_ HUBERSUHNER-S_01-___FJU-__27 Datasheet
166Kb / 2P
   Simplex 0.9mm Tight Tube TPU-FR Ø 2.7mm
S_04-___FSN_ZN_U-__ HUBERSUHNER-S_04-___FSN_ZN_U-___56 Datasheet
179Kb / 3P
   Mobile Field 4x0.9mm Tight Tube Ø 5.6mm TPU-FR
02-___FSN_ZN_HU-__ HUBERSUHNER-02-___FSN_ZN_HU-___70 Datasheet
171Kb / 2P
   3 Star 2x0.9mm Tight Tube Ø 7.0 mm TPU-FR
04-___FSN_ZN_HU-__ HUBERSUHNER-04-___FSN_ZN_HU-___70 Datasheet
185Kb / 2P
   3 Star 4x0.9mm Tight Tube Ø 7.0 mm TPU-FR
12-___FSN_ZN_H-___70D HUBERSUHNER-12-___FSN_ZN_H-___70D Datasheet
249Kb / 2P
   Riser 12x0.9mm Tight Tube LSFH Ø 7.0mm Dca
12-___FSN_ZN_H-__ HUBERSUHNER-12-___FSN_ZN_H-___70 Datasheet
249Kb / 2P
   Riser 12x0.9mm Tight Tube LSFH Ø 7.0mm Dca
S_01-___FJZ-__ HUBERSUHNER-S_01-___FJZ-___19 Datasheet
166Kb / 2P
   Simplex 0.9mm Tight Tube TPU Ø 1.9mm
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com