Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12-___FSN_ZN_YR-___130 Datasheet (PDF) - Huber+Suhner, Inc.

12-___FSN_ZN_YR-___130 Datasheet PDF - Huber+Suhner, Inc.
Part # 12-___FSN_ZN_YR-___130
Download  12-___FSN_ZN_YR-___130 Download

File Size   211.71 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Drag Chain 12x0.9mm Tight Tube Ø 13.0mm RADOX

12-___FSN_ZN_YR-___130 Datasheet (PDF)

Go To PDF Page Download Datasheet
12-___FSN_ZN_YR-___130 Datasheet PDF - Huber+Suhner, Inc.

Part # 12-___FSN_ZN_YR-___130
Download  12-___FSN_ZN_YR-___130 Click to download

File Size   211.71 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Drag Chain 12x0.9mm Tight Tube Ø 13.0mm RADOX

12-___FSN_ZN_YR-___130 Datasheet (HTML) - Huber+Suhner, Inc.

12-___FSN_ZN_YR-___130 Datasheet HTML 1Page - Huber+Suhner, Inc. 12-___FSN_ZN_YR-___130 Datasheet HTML 2Page - Huber+Suhner, Inc.

12-___FSN_ZN_YR-___130 Product details

Properties
• Metal free indoor and
outdoor cable
• Strain relieved with
aramide yarn
• Installation in harsh
industrial environment
• High abrasion and
soldering iron resistance
• Halogen free and noncorrosive fire gases
• Flame and fire retardant
cable
• Double jacket cable
construction




Similar Part No. - 12-___FSN_ZN_YR-___130

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
12-___FSN_ZN_YU-___130 HUBERSUHNER-12-___FSN_ZN_YU-___130 Datasheet
211Kb / 2P
   Drag Chain 12x0.9mm Tight Tube Ø 13.0mm TPU-FR
12-___FSN_ZN_YZ-___130 HUBERSUHNER-12-___FSN_ZN_YZ-___130 Datasheet
210Kb / 2P
   Drag Chain 12x0.9mm Tight Tube Ø 13.0mm TPU
More results


Similar Description - 12-___FSN_ZN_YR-___130

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
12-___FSN_ZN_YZ-___130 HUBERSUHNER-12-___FSN_ZN_YZ-___130 Datasheet
210Kb / 2P
   Drag Chain 12x0.9mm Tight Tube Ø 13.0mm TPU
12-___FSN_ZN_YU-___130 HUBERSUHNER-12-___FSN_ZN_YU-___130 Datasheet
211Kb / 2P
   Drag Chain 12x0.9mm Tight Tube Ø 13.0mm TPU-FR
12-___FSN_ZN_H-___70D HUBERSUHNER-12-___FSN_ZN_H-___70D Datasheet
249Kb / 2P
   Riser 12x0.9mm Tight Tube LSFH Ø 7.0mm Dca
12-___FSN_ZN_H-__ HUBERSUHNER-12-___FSN_ZN_H-___70 Datasheet
249Kb / 2P
   Riser 12x0.9mm Tight Tube LSFH Ø 7.0mm Dca
12-___FSN_ZN_Z-_ HUBERSUHNER-12-___FSN_ZN_Z-__80 Datasheet
219Kb / 2P
   Mobile Field 12x0.9mm Tight Tube Ø 8.0mm TPU
24-___W_ZN_HAR-__ HUBERSUHNER-24-___W_ZN_HAR-___82 Datasheet
169Kb / 3P
   Loose Tube Steel-Armoured 1x2.8mm RADOX Ø 8.2mm
48-___BWSN_ZNG_HAH-___130 HUBERSUHNER-48-___BWSN_ZNG_HAH-___130 Datasheet
252Kb / 2P
   Loose Tube Steel-Armoured 4x2.2mm LSFH Ø 13.0mm
96-___BWSN_ZNG_H-__130 HUBERSUHNER-96-___BWSN_ZNG_H-__130 Datasheet
268Kb / 2P
   Loose Tube Glass-Armoured 8x2.2mm LSFH Ø 13.0mm
S_01-G50CH-___9OM3 HUBERSUHNER-S_01-G50CH-___9OM3 Datasheet
137Kb / 2P
   Semi Tight Tube Ø 0.9mm OM3
S_01-G50CH-___9OM2 HUBERSUHNER-S_01-G50CH-___9OM2 Datasheet
137Kb / 2P
   Semi Tight Tube Ø 0.9mm OM2
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com