Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

02-___FJH-____17F Datasheet (PDF) - Huber+Suhner, Inc.

02-___FJH-____17F Datasheet PDF - Huber+Suhner, Inc.
Part # 02-___FJH-____17F
Download  02-___FJH-____17F Download
File Size   242.93 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Duplex Fig. 8 1.7mm 0.9mm Tight Tube LSFH 1.7 x 3.4mm Fca

02-___FJH-____17F Datasheet (PDF)

Go To PDF Page Download Datasheet
02-___FJH-____17F Datasheet PDF - Huber+Suhner, Inc.

Part # 02-___FJH-____17F
Download  02-___FJH-____17F Click to download

File Size   242.93 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Duplex Fig. 8 1.7mm 0.9mm Tight Tube LSFH 1.7 x 3.4mm Fca

02-___FJH-____17F Datasheet (HTML) - Huber+Suhner, Inc.


02-___FJH-____17F Product details

Properties
• Metal free indoor cable
• Each fiber strain relieved
• Tube can be stripped up
to 30mm in one piece
• Tight bending radii
• Halogen free and noncorrosive fire gases
• Jacket material
according to UL 94V-0
• Low fire load for high
safety requirements




Similar Part No. - 02-___FJH-____17F

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
02-___FJH-___ HUBERSUHNER-02-___FJH-____17 Datasheet
214Kb / 2P
Duplex Fig. 8 1.7mm 0.9mm Tight Tube LSFH 1.7 x 3.4mm
More results


Similar Description - 02-___FJH-____17F

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
02-___CWJH-A___20D HUBERSUHNER-02-___CWJH-A___20D Datasheet
264Kb / 2P
Duplex Fig. 0 2.0mm Semi Tight Tube LSFH 3.1 x 5.2mm Dca
02-___CWJH-A___27D HUBERSUHNER-02-___CWJH-A___27D Datasheet
264Kb / 2P
Duplex Fig. 0 2.7mm Semi Tight Tube LSFH 3.5 x 6.2mm Dca
02-___CWJH-___17D HUBERSUHNER-02-___CWJH-___17D Datasheet
241Kb / 2P
Duplex Fig. 8 1.7mm Semi Tight Tube LSFH 1.7 x 3.4mm Dca
02-___CWJH-___20D HUBERSUHNER-02-___CWJH-___20D Datasheet
346Kb / 2P
Duplex Fig. 8 2.0mm Semi Tight Tube LSFH 2.0 x 4.1mm Dca
02-___CWJH-___27D HUBERSUHNER-02-___CWJH-___27D Datasheet
242Kb / 2P
Duplex Fig. 8 2.7mm Semi Tight Tube LSFH 2.7 x 5.4mm Dca
02-___FJH-A__ HUBERSUHNER-02-___FJH-A___27 Datasheet
234Kb / 2P
Duplex Fig. 0 2.7mm 0.9mm Tight Tube LSFH 3.5 x 6.2mm
02-___FJH-___ HUBERSUHNER-02-___FJH-____17 Datasheet
214Kb / 2P
Duplex Fig. 8 1.7mm 0.9mm Tight Tube LSFH 1.7 x 3.4mm
02-___VJH-A__ HUBERSUHNER-02-___VJH-A___14 Datasheet
236Kb / 2P
Duplex Fig. 0 1.4mm 0.6mm Tight Tube LSFH 2.3 x 3.7mm
02-___VJH-__ HUBERSUHNER-02-___VJH-___14 Datasheet
209Kb / 2P
Duplex Fig. 8 1.4mm 0.6mm Tight Tube LSFH 1.4 x 3.0mm
S_01-___FJH-__ HUBERSUHNER-S_01-___FJH-___17 Datasheet
166Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 1.7mm
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com