Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP432VL-A Datasheet (PDF) - Diodes Incorporated

AP432VL-A Datasheet PDF - Diodes Incorporated
Part # AP432VL-A
Download  AP432VL-A Download

File Size   262.26 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description ADJUSTABLE PRECISION SHUNT REGULATOR

AP432VL-A Datasheet (PDF)

Go To PDF Page Download Datasheet
AP432VL-A Datasheet PDF - Diodes Incorporated

Part # AP432VL-A
Download  AP432VL-A Click to download

File Size   262.26 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description ADJUSTABLE PRECISION SHUNT REGULATOR

AP432VL-A Datasheet (HTML) - Diodes Incorporated

Back Button AP432VL-A Datasheet HTML 1Page - Diodes Incorporated AP432VL-A Datasheet HTML 2Page - Diodes Incorporated AP432VL-A Datasheet HTML 3Page - Diodes Incorporated AP432VL-A Datasheet HTML 4Page - Diodes Incorporated AP432VL-A Datasheet HTML 5Page - Diodes Incorporated AP432VL-A Datasheet HTML 6Page - Diodes Incorporated AP432VL-A Datasheet HTML 7Page - Diodes Incorporated AP432VL-A Datasheet HTML 8Page - Diodes Incorporated AP432VL-A Datasheet HTML 9Page - Diodes Incorporated AP432VL-A Datasheet HTML 10Page - Diodes Incorporated Next Button 

AP432VL-A Product details

General Description
The AP432/432A are 3-terminal adjustable precision shunt regulators with guaranteed stable temperature over the applicable extended commercial temperature range. The output voltage may be set at any level greater than 1.24/ (VREF) up to 20V merely by selecting two external resistors that act as a voltage divider network. These devices have a typical output impedance of 0.2Ω. Active output circuitry provides very sharp turn-on characteristics, making these devices excellent improved replacements for Zener diodes in many applications.

Features
• Precision reference voltage
    AP432 : 1.24V ± 1%
    AP432A : 1.24V ± 0.5%
• Sink current capability: 200mA
• Minimum cathode current for regulation: 150µA
• Equivalent full-range temp coefficient: 30 ppm/oC
• Fast turn-on response
• Low dynamic output impedance: 0.2Ω
• Programmable output voltage to 20V
• Low output noise
• Packages: SOT23, SOT23R, SOT25, SC59 (W package code), SC59 (R package code), SOP-8L and TO92-3L
• SOT23, SOT23R, SOP-8L and SC59: Available in “Green” Molding Compound (No Br, Sb) (Note 1)
• Lead Free Finish/ RoHS Compliant for Lead Free and “Green” Products (Note 2)




Similar Part No. - AP432VL-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP432VL-A DIODES-AP432VL-A Datasheet
281Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATOR
DS31003 Rev. 16 - 2
More results


Similar Description - AP432VL-A

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com