Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1149085 Datasheet (PDF) - PHOENIX CONTACT

1149085 Datasheet PDF - PHOENIX CONTACT
Part # 1149085
Download  1149085 Download

File Size   467.01 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 6/ 4-ST-7,62 - PCB connector

1149085 Datasheet (PDF)

Go To PDF Page Download Datasheet
1149085 Datasheet PDF - PHOENIX CONTACT

Part # 1149085
Download  1149085 Click to download

File Size   467.01 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 6/ 4-ST-7,62 - PCB connector

1149085 Datasheet (HTML) - PHOENIX CONTACT

Back Button 1149085 Datasheet HTML 1Page - PHOENIX CONTACT 1149085 Datasheet HTML 2Page - PHOENIX CONTACT 1149085 Datasheet HTML 3Page - PHOENIX CONTACT 1149085 Datasheet HTML 4Page - PHOENIX CONTACT 1149085 Datasheet HTML 5Page - PHOENIX CONTACT 1149085 Datasheet HTML 6Page - PHOENIX CONTACT 1149085 Datasheet HTML 7Page - PHOENIX CONTACT 1149085 Datasheet HTML 8Page - PHOENIX CONTACT 1149085 Datasheet HTML 9Page - PHOENIX CONTACT 1149085 Datasheet HTML 10Page - PHOENIX CONTACT Next Button 

1149085 Product details

PCB connector, nominal cross section: 6 mm2, color: green, nominal current: 41 A, rated voltage
(III/2): 1000 V, contact surface: Tin, contact connection type: Socket, number of rows: 1, number
of positions: 4, product range: PC 6/..-ST, pitch: 7.62 mm, connection method: Screw connection
with tension sleeve, screw head form: Z1L Slotted Pozidriv, conductor/PCB connection direction:
0 °, locking clip: - without locking clip, plug-in system: COMBICON PC 6, locking: without,
mounting: without, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Increased touch protection in accordance with IEC/UL 61800-5-1




Similar Part No. - 1149085

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
114908 ADELS-114908 Datasheet
125Kb / 2P
   900-07 RZ/ 8 DS
logo
PHOENIX CONTACT
1149083 PHOENIX-1149083 Datasheet
462Kb / 14P
   PC 6/ 3-ST-7,62 - PCB connector
1149086 PHOENIX-1149086 Datasheet
458Kb / 14P
   PC 6/ 5-ST-7,62 - PCB connector
1149088 PHOENIX-1149088 Datasheet
455Kb / 14P
   PC 6/ 6-ST-7,62 - PCB connector
More results


Similar Description - 1149085

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1149088 PHOENIX-1149088 Datasheet
455Kb / 14P
   PC 6/ 6-ST-7,62 - PCB connector
1149083 PHOENIX-1149083 Datasheet
462Kb / 14P
   PC 6/ 3-ST-7,62 - PCB connector
1149086 PHOENIX-1149086 Datasheet
458Kb / 14P
   PC 6/ 5-ST-7,62 - PCB connector
1149079 PHOENIX-1149079 Datasheet
447Kb / 14P
   PC 6/ 2-ST-7,62 - PCB connector
1804946 PHOENIX-1804946 Datasheet
160Kb / 6P
   PC 4/ 6-ST-7,62
1804959 PHOENIX-1804959 Datasheet
368Kb / 11P
   PCB connector - PC 4/ 7-ST-7,62
Jan 4, 2023
1044738 PHOENIX-1044738 Datasheet
301Kb / 10P
   PC 6/ 3-ST-BUS-7,62 - PCB connector
1044740 PHOENIX-1044740 Datasheet
293Kb / 10P
   PCB connector - PC 6/ 2-ST-BUS-7,62
Jan 10, 2023
1149132 PHOENIX-1149132 Datasheet
455Kb / 14P
   PC 6/ 4-STL3-7,62 - PCB connector
1804920 PHOENIX-1804920 Datasheet
163Kb / 6P
   PC 4/ 4-ST-7,62
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com