Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1149083 Datasheet (PDF) - PHOENIX CONTACT

1149083 Datasheet PDF - PHOENIX CONTACT
Part # 1149083
Download  1149083 Download
File Size   462.98 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 6/ 3-ST-7,62 - PCB connector

1149083 Datasheet (PDF)

Go To PDF Page Download Datasheet
1149083 Datasheet PDF - PHOENIX CONTACT

Part # 1149083
Download  1149083 Click to download

File Size   462.98 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 6/ 3-ST-7,62 - PCB connector

1149083 Datasheet (HTML) - PHOENIX CONTACT


1149083 Product details

PCB connector, nominal cross section: 6 mm2, color: green, nominal current: 41 A, rated voltage
(III/2): 1000 V, contact surface: Tin, contact connection type: Socket, number of rows: 1, number
of positions: 3, product range: PC 6/..-ST, pitch: 7.62 mm, connection method: Screw connection
with tension sleeve, screw head form: Z1L Slotted Pozidriv, conductor/PCB connection direction:
0 °, locking clip: - without locking clip, plug-in system: COMBICON PC 6, locking: without,
mounting: without, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Increased touch protection in accordance with IEC/UL 61800-5-1




Similar Part No. - 1149083

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
114908 ADELS-114908 Datasheet
125Kb / 2P
900-07 RZ/ 8 DS
logo
PHOENIX CONTACT
1149085 PHOENIX-1149085 Datasheet
467Kb / 14P
PC 6/ 4-ST-7,62 - PCB connector
1149086 PHOENIX-1149086 Datasheet
458Kb / 14P
PC 6/ 5-ST-7,62 - PCB connector
1149088 PHOENIX-1149088 Datasheet
455Kb / 14P
PC 6/ 6-ST-7,62 - PCB connector
More results


Similar Description - 1149083

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1804946 PHOENIX-1804946 Datasheet
160Kb / 6P
PC 4/ 6-ST-7,62
1044740 PHOENIX-1044740 Datasheet
293Kb / 10P
PCB connector - PC 6/ 2-ST-BUS-7,62
Jan 10, 2023
1054547 PHOENIX-1054547 Datasheet
262Kb / 9P
PCB header - PC 6/ 3-G-7,62
Jan 10, 2023
1913510 PHOENIX-1913510 Datasheet
348Kb / 10P
PCB connector - PC 6/ 3-ST-10,16
1044738 PHOENIX-1044738 Datasheet
301Kb / 10P
PC 6/ 3-ST-BUS-7,62 - PCB connector
1149079 PHOENIX-1149079 Datasheet
447Kb / 14P
PC 6/ 2-ST-7,62 - PCB connector
1149085 PHOENIX-1149085 Datasheet
467Kb / 14P
PC 6/ 4-ST-7,62 - PCB connector
1149086 PHOENIX-1149086 Datasheet
458Kb / 14P
PC 6/ 5-ST-7,62 - PCB connector
1149088 PHOENIX-1149088 Datasheet
455Kb / 14P
PC 6/ 6-ST-7,62 - PCB connector
1149131 PHOENIX-1149131 Datasheet
452Kb / 14P
PC 6/ 3-STL2-7,62 - PCB connector
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com