Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRF-2016 Datasheet (PDF) - SIRENZA MICRODEVICES

SRF-2016 Datasheet PDF - SIRENZA MICRODEVICES
Part # SRF-2016
Download  SRF-2016 Download

File Size   122.34 Kbytes
Page   7 Pages
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES
Description 200 - 600 MHz Silicon Germanium IF Receiver

SRF-2016 Datasheet (PDF)

Go To PDF Page Download Datasheet
SRF-2016 Datasheet PDF - SIRENZA MICRODEVICES

Part # SRF-2016
Download  SRF-2016 Click to download

File Size   122.34 Kbytes
Page   7 Pages
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES
Description 200 - 600 MHz Silicon Germanium IF Receiver

SRF-2016 Datasheet (HTML) - SIRENZA MICRODEVICES

SRF-2016 Datasheet HTML 1Page - SIRENZA MICRODEVICES SRF-2016 Datasheet HTML 2Page - SIRENZA MICRODEVICES SRF-2016 Datasheet HTML 3Page - SIRENZA MICRODEVICES SRF-2016 Datasheet HTML 4Page - SIRENZA MICRODEVICES SRF-2016 Datasheet HTML 5Page - SIRENZA MICRODEVICES SRF-2016 Datasheet HTML 6Page - SIRENZA MICRODEVICES SRF-2016 Datasheet HTML 7Page - SIRENZA MICRODEVICES

SRF-2016 Product details

Product Description
The Sirenza Microdevices’ SRF-2016 is a quadrature demodulator RFIC designed for UHF and microwave receiver IF applications. This device features switchable gain control, high P1dB, and excellent I/Q amplitude and phase balance.

Product Features
• Available in Lead Free, RoHS compliant, and
   Green packaging
• Gain control in 20dB steps
• Excellent I/Q amplitude and phase balance
• Output P1dB > +4 dBm over all gain settings

Applications
• Digital and spread spectrum communication
   systems
• Cellular, PCS, DCS, 2G, 2.5G, 3G transceivers
• ISM band transceivers
• Point-to-point microwave receivers
• Broadband wireless systems




Similar Part No. - SRF-2016

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SRF-2016 STANFORD-SRF-2016 Datasheet
127Kb / 7P
   200 - 600 MHz Silicon Germanium IF Receiver
logo
List of Unclassifed Man...
SRF-2016Z ETC1-SRF-2016Z Datasheet
216Kb / 9P
   Reliability Qualification Report
More results


Similar Description - SRF-2016

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SRF-2016 STANFORD-SRF-2016 Datasheet
127Kb / 7P
   200 - 600 MHz Silicon Germanium IF Receiver
logo
SIRENZA MICRODEVICES
SRF-1016 SIRENZA-SRF-1016 Datasheet
118Kb / 6P
   65 - 300 MHz Silicon Germanium IF Receiver
logo
Analog Devices
AD6684 AD-AD6684 Datasheet
2Mb / 107P
   135 MHz Quad IF Receiver
AD6677 AD-AD6677 Datasheet
1Mb / 48P
   80 MHz Bandwidth, IF Receiver
logo
TAI-SAW TECHNOLOGY CO.,...
TB0410A TAI-SAW-TB0410A Datasheet
275Kb / 7P
   IF SAW Filter 200 MHz
logo
Stanford Microdevices
SGA-7489 STANFORD-SGA-7489 Datasheet
521Kb / 8P
   DC-3000 MHZ SILICON GERMANIUM
logo
Analog Devices
AD6674 AD-AD6674_17 Datasheet
4Mb / 97P
   385 MHz BW IF Diversity Receiver
AD6674 AD-AD6674 Datasheet
2Mb / 91P
   385 MHz BW IF Diversity Receiver
AD6679 AD-AD6679 Datasheet
1Mb / 81P
   135 MHz BW IF Diversity Receiver
AD6673 AD-AD6673_17 Datasheet
1Mb / 46P
   80 MHz Bandwidth, Dual IF Receiver
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com