Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS4110 Datasheet (PDF) - Shenzhen Naxinwei Technology Co., Ltd.

NS4110 Datasheet PDF - Shenzhen Naxinwei Technology Co., Ltd.
Part # NS4110
Download  NS4110 Download

File Size   611.04 Kbytes
Page   14 Pages
Manufacturer  NSIWAY [Shenzhen Naxinwei Technology Co., Ltd.]
Direct Link  http://www.nsiway.com.cn
Logo NSIWAY - Shenzhen Naxinwei Technology Co., Ltd.
Description Class AB/D dual-mode, 10W mono audio amplifier

NS4110 Datasheet (PDF)

Go To PDF Page Download Datasheet
NS4110 Datasheet PDF - Shenzhen Naxinwei Technology Co., Ltd.

Part # NS4110
Download  NS4110 Click to download

File Size   611.04 Kbytes
Page   14 Pages
Manufacturer  NSIWAY [Shenzhen Naxinwei Technology Co., Ltd.]
Direct Link  http://www.nsiway.com.cn
Logo NSIWAY - Shenzhen Naxinwei Technology Co., Ltd.
Description Class AB/D dual-mode, 10W mono audio amplifier

NS4110 Datasheet (HTML) - Shenzhen Naxinwei Technology Co., Ltd.

Back Button NS4110 Datasheet HTML 1Page - Shenzhen Naxinwei Technology Co., Ltd. NS4110 Datasheet HTML 2Page - Shenzhen Naxinwei Technology Co., Ltd. NS4110 Datasheet HTML 3Page - Shenzhen Naxinwei Technology Co., Ltd. NS4110 Datasheet HTML 4Page - Shenzhen Naxinwei Technology Co., Ltd. NS4110 Datasheet HTML 5Page - Shenzhen Naxinwei Technology Co., Ltd. NS4110 Datasheet HTML 6Page - Shenzhen Naxinwei Technology Co., Ltd. NS4110 Datasheet HTML 7Page - Shenzhen Naxinwei Technology Co., Ltd. NS4110 Datasheet HTML 8Page - Shenzhen Naxinwei Technology Co., Ltd. NS4110 Datasheet HTML 9Page - Shenzhen Naxinwei Technology Co., Ltd. NS4110 Datasheet HTML 10Page - Shenzhen Naxinwei Technology Co., Ltd. Next Button 

NS4110 Product details

 Output power: 6.5W (Class D / 4Ω load / VDD=7.4V/ THD+N=10%)
10W (Class D / 4Ω load / VDD=9V/ THD+N=10%)
 Recommended operating voltage range: 5V~9V
 AB/D class working mode switching, level setting
 No filter design required
 Differential input mode
 Efficiency up to 88% (4Ω load/VDD=7.4V/Po=5W)
 Excellent "power on, power off" noise suppression
 Overcurrent protection, overheating protection, undervoltage protection
 eSOP-8 package




Similar Part No. - NS4110

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
NS4110B YONGFUKANG-NS4110B Datasheet
1Mb / 9P
   NS4110B Ultra Low EMI, Differential Input, 20W Mono AB/D Class Audio Power Amplifier
logo
List of Unclassifed Man...
NS4110B ETC-NS4110B Datasheet
1Mb / 11P
   18W Mono Class AB/D Dual Mode Audio Power Amplifier
2017 V1.0
More results


Similar Description - NS4110

ManufacturerPart #DatasheetDescription
logo
Shenzhen Naxinwei Techn...
NS4165 NSIWAY-NS4165 Datasheet
585Kb / 13P
   Class AB/D dual-mode, 5W mono audio amplifier
V1.0
logo
List of Unclassifed Man...
NS4110B ETC-NS4110B Datasheet
1Mb / 11P
   18W Mono Class AB/D Dual Mode Audio Power Amplifier
2017 V1.0
logo
Shenzhen Naxinwei Techn...
NS4159 NSIWAY-NS4159 Datasheet
335Kb / 15P
    Class AB/D dual-mode, anti-distortion, 5.5W mono audio amplifier
V1.0
logo
Jiaxing Heroic Technolo...
HT8693 HEROIC-HT8693 Datasheet
175Kb / 2P
   10W anti-breaking mono D-class audio amplifier
logo
STMicroelectronics
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
   10W MONO CLASS-D AMPLIFIER
TDA7480 STMICROELECTRONICS-TDA7480 Datasheet
177Kb / 10P
   10W MONO CLASS-D AMPLIFIER
logo
Shenzhen Huazhimei Semi...
HM8874 HMSEMI-HM8874 Datasheet
1Mb / 17P
   10W anti-breaking sound mono Class D audio power amplifier
logo
Realtek Semiconductor C...
ALC5621-GR REALTEK-ALC5621-GR Datasheet
1Mb / 76P
   I2S AUDIO CODEC 1.3W CLASS AB/D MONO SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
ALC5621 REALTEK-ALC5621_09 Datasheet
1Mb / 76P
   I2S AUDIO CODEC 2.6W CLASS-AB/D MONO SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
ALC5622-GR REALTEK-ALC5622-GR Datasheet
1Mb / 73P
   I2S AUDIO CODEC 1.3W CLASS AB/D MONO SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com